Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD00237391 Datasheet(PDF) 167 Page - STMicroelectronics

Part # CD00237391
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00237391 Datasheet(HTML) 167 Page - STMicroelectronics

Back Button CD00237391 Datasheet HTML 163Page - STMicroelectronics CD00237391 Datasheet HTML 164Page - STMicroelectronics CD00237391 Datasheet HTML 165Page - STMicroelectronics CD00237391 Datasheet HTML 166Page - STMicroelectronics CD00237391 Datasheet HTML 167Page - STMicroelectronics CD00237391 Datasheet HTML 168Page - STMicroelectronics CD00237391 Datasheet HTML 169Page - STMicroelectronics CD00237391 Datasheet HTML 170Page - STMicroelectronics CD00237391 Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 177 page
background image
STM32F20xxx
Revision history
Doc ID 15818 Rev 9
167/177
13-Jul-2010
4
(continued)
Added USB OTG_FS features in Section 2.2.28: Universal serial bus
on-the-go full-speed (OTG_FS).
Updated VCAP_1 and VCAP_2 capacitor value to 2.2 µF in Figure 17:
Power supply scheme.
Removed DAC, modified ADC limitations, and updated I/O
compensation for 1.8 to 2.1 V range in Table 13: Limitations depending
on the operating power supply range.
Added VBORL, VBORM, VBORH and IRUSH in Table 17: Embedded reset
and power control block characteristics.
Removed table Typical current consumption in Sleep mode with Flash
memory in Deep power down mode. Merged typical and maximum
current consumption sections and added Table 18: Typical and
maximum current consumption in Run mode, code with data
processing running from Flash memory (ART accelerator disabled),
Table 19: Typical and maximum current consumption in Run mode,
code with data processing running from Flash memory (ART
accelerator enabled) or RAM, Table 20: Typical and maximum current
consumption in Sleep mode, Table 21: Typical and maximum current
consumptions in Stop mode, Table 22: Typical and maximum current
consumptions in Standby mode, and Table 23: Typical and maximum
current consumptions in VBAT mode.
Update Table 32: Main PLL characteristics and added Section 5.3.11:
PLL spread spectrum clock generation (SSCG) characteristics.
Added Note 8 for CIO in Table 44: I/O static characteristics.
Updated Section 5.3.18: TIM timer characteristics.
Added TNRST_OUT in Table 47: NRST pin characteristics.
Updated Table 50: I2C characteristics.
Removed 8-bit data in and data out waveforms from Figure 45: ULPI
timing diagram.
Removed note related to ADC calibration in Table 65. Section 5.3.20:
12-bit ADC characteristics: ADC characteristics tables merged into one
single table; tables ADC conversion time and ADC accuracy removed.
Updated Table 66: DAC characteristics.
Updated Section 5.3.22: Temperature sensor characteristics and
Section 5.3.23: VBAT monitoring characteristics.
Update Section 5.3.26: Camera interface (DCMI) timing specifications.
Added Section 5.3.27: SD/SDIO MMC card host interface (SDIO)
characteristics, and Section 5.3.28: RTC characteristics.
Added Section 6.2: Thermal characteristics. Updated Table 89:
LQFP176 - Low profile quad flat package 24 × 24 × 1.4 mm package
mechanical data and Figure 81: LQFP176 - Low profile quad flat
package 24 × 24 × 1.4 mm, package outline.
Changed tape and reel code to TX in Table 92: Ordering information
scheme.
Added Table 93: Main applications versus package for STM32F2xxx
microcontrollers. Updated figures in Appendix A.3: USB OTG full
speed (FS) interface solutions and A.4: USB OTG high speed (HS)
interface solutions. Updated Figure 92: Audio player solution using
PLL, PLLI2S, USB and 1 crystal and Figure 93: Audio PLL (PLLI2S)
providing accurate I2S clock.
Table 94.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com