Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF42N65M5 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STF42N65M5
Description  N-channel 650 V, 0.070 ohm, 33 A MDmesh V Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF42N65M5 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STF42N65M5 Datasheet HTML 9Page - STMicroelectronics STF42N65M5 Datasheet HTML 10Page - STMicroelectronics STF42N65M5 Datasheet HTML 11Page - STMicroelectronics STF42N65M5 Datasheet HTML 12Page - STMicroelectronics STF42N65M5 Datasheet HTML 13Page - STMicroelectronics STF42N65M5 Datasheet HTML 14Page - STMicroelectronics STF42N65M5 Datasheet HTML 15Page - STMicroelectronics STF42N65M5 Datasheet HTML 16Page - STMicroelectronics STF42N65M5 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
STx42N65M5
Package mechanical data
Doc ID 15317 Rev 3
13/18
Dim.
mm
.
x
a
M
.
p
y
T
.
n
i
M
6
.
4
4
.
4
A
7
.
2
5
.
2
B
5
7
.
2
5
.
2
D
7
.
0
5
4
.
0
E
1
5
7
.
0
F
0
7
.
1
5
1
.
1
1
F
5
.
1
5
1
.
1
2
F
2
.
5
5
9
.
4
G
7
.
2
4
.
2
1
G
4
.
0
1
0
1
H
6
1
2
L
6
.
0
3
6
.
8
2
3
L
6
.
0
1
8
.
9
4
L
6
.
3
9
.
2
5
L
4
.
6
1
9
.
5
1
6
L
3
.
9
9
7
L
2
.
3
3
a
i
D
7012510_Rev_J
A
B
H
Dia
L7
D
E
L6
L5
L2
L3
L4
F1
F2
F
G
G1
TO-220FP mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com