Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101ZC Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM32F101ZC
Description  High-density access line, ARM-based 32-bit MCU
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101ZC Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM32F101ZC Datasheet HTML 26Page - STMicroelectronics STM32F101ZC Datasheet HTML 27Page - STMicroelectronics STM32F101ZC Datasheet HTML 28Page - STMicroelectronics STM32F101ZC Datasheet HTML 29Page - STMicroelectronics STM32F101ZC Datasheet HTML 30Page - STMicroelectronics STM32F101ZC Datasheet HTML 31Page - STMicroelectronics STM32F101ZC Datasheet HTML 32Page - STMicroelectronics STM32F101ZC Datasheet HTML 33Page - STMicroelectronics STM32F101ZC Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 112 page
background image
Pinouts and pin descriptions
STM32F101xC, STM32F101xD, STM32F101xE
30/112
Doc ID 14610 Rev 8
133
55
89
PB3
I/O FT
JTDO
SPI3_SCK
TIM2_CH2 /PB3
TRACESWO
SPI1_SCK
134
56
90
PB4
I/O FT
NJTRST
SPI3_MISO
PB4 / TIM3_CH1
SPI1_MISO
135
57
91
PB5
I/O
PB5
I2C1_SMBA/ SPI3_MOSI
TIM3_CH2 /
SPI1_MOSI
136
58
92
PB6
I/O FT
PB6
I2C1_SCL/ TIM4_CH1(7)
USART1_TX
137
59
93
PB7
I/O FT
PB7
I2C1_SDA/FSMC_NADV
TIM4_CH2(7)
USART1_RX
138
60
94
BOOT0
I
BOOT0
139
61
95
PB8
I/O FT
PB8
TIM4_CH3 (7)
I2C1_SCL
140
62
96
PB9
I/O FT
PB9
TIM4_CH4 (7)
I2C1_SDA
141
-
97
PE0
I/O FT
PE0
TIM4_ETR(7)/
FSMC_NBL0
142
-
98
PE1
I/O FT
PE1
FSMC_NBL1
143
63
99
VSS_3
SVSS_3
144
64
100
VDD_3
SVDD_3
1.
I = input, O = output, S = supply.
2.
FT = 5 V tolerant.
3.
Function availability depends on the chosen device.
4.
If several peripherals share the same I/O pin, to avoid conflict between these alternate functions only one peripheral should
be enabled at a time through the peripheral clock enable bit (in the corresponding RCC peripheral clock enable register).
5.
PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 in output mode is limited: the speed should not exceed 2 MHz with a maximum
load of 30 pF and these IOs must not be used as a current source (e.g. to drive an LED).
6.
Main function after the first backup domain power-up. Later on, it depends on the contents of the Backup registers even
after reset (because these registers are not reset by the main reset). For details on how to manage these IOs, refer to the
Battery backup domain and BKP register description sections in the STM32F10xxx reference manual, available from the
STMicroelectronics website: www.st.com.
7.
This alternate function can be remapped by software to some other port pins (if available on the used package). For more
details, refer to the Alternate function I/O and debug configuration section in the STM32F10xxx reference manual, available
from the STMicroelectronics website: www.st.com.
8.
For the LQFP64 package, the pins number 5 and 6 are configured as OSC_IN/OSC_OUT after reset, however the
functionality of PD0 and PD1 can be remapped by software on these pins. For the LQFP100 and LQFP144 packages, PD0
and PD1 are available by default, so there is no need for remapping. For more details, refer to Alternate function I/O and
debug configuration section in the STM32F10xxx reference manual
9.
For devices delivered in LQFP64 packages, the FSMC function is not available.
Table 5.
High-density STM32F101xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com