Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF7N52DK3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF7N52DK3
Description  N-channel 525 V, 0.95 ohm, 6 A, DPAK, TO-220FP, TO-220
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF7N52DK3 Datasheet(HTML) 1 Page - STMicroelectronics

  STF7N52DK3 Datasheet HTML 1Page - STMicroelectronics STF7N52DK3 Datasheet HTML 2Page - STMicroelectronics STF7N52DK3 Datasheet HTML 3Page - STMicroelectronics STF7N52DK3 Datasheet HTML 4Page - STMicroelectronics STF7N52DK3 Datasheet HTML 5Page - STMicroelectronics STF7N52DK3 Datasheet HTML 6Page - STMicroelectronics STF7N52DK3 Datasheet HTML 7Page - STMicroelectronics STF7N52DK3 Datasheet HTML 8Page - STMicroelectronics STF7N52DK3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
October 2010
Doc ID 16387 Rev 2
1/16
16
STD7N52DK3
STF7N52DK3, STP7N52DK3
N-channel 525 V, 0.95
Ω, 6 A, DPAK, TO-220FP, TO-220
SuperFREDmesh3™ Power MOSFET
Features
■ 100% avalanche tested
■ Extremely high dv/dt capability
■ Gate charge minimized
■ Very low intrinsic capacitance
■ Improved diode reverse recovery
characteristics
■ Zener-protected
Application
Switching applications
Description
These devices are N-channel
SuperFREDmesh3™, a new Power MOSFET
technology that is obtained via improvements
applied to STMicroelectronics’ SuperMESH3™
technology. The resulting product has an
extremely low on resistance, superior dynamic
performance, high avalanche capability and a fast
body-drain recovery diode, making it especially
suitable for the most demanding applications.
Figure 1.
Internal schematic diagram
Order codes
VDSS
RDS(on)
max.
ID
Pw
STD7N52DK3
STF7N52DK3
STP7N52DK3
525 V
< 1.15
Ω
6 A
6 A (1)
6 A
1.
Limited by package
90 W
25 W
90 W
1
2
3
1
3
TO-220
DPAK
TO-220FP
1
2
3
D(2)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STD7N52DK3
7N52DK3
DPAK
Tape and reel
STF7N52DK3
7N52DK3
TO-220FP
Tube
STP7N52DK3
7N52DK3
TO-220
Tube
www.st.com


Similar Part No. - STF7N52DK3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF7N52DK3 ISC-STF7N52DK3 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF7N52DK3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB7N52K3 STMICROELECTRONICS-STB7N52K3 Datasheet
380Kb / 15P
N-channel 525 V, 0.84 Ω, 6.3 A, D2PAK, DPAK, TO-220FP, TO-220 SuperMESH3??Power MOSFET
07-Jul-2008
STB3N62K3 STMICROELECTRONICS-STB3N62K3_09 Datasheet
554Kb / 20P
N-channel 620 V, 2.2 OHM , 2.7 A SuperMESH3 Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
17-Aug-2009
STB7N52K3 STMICROELECTRONICS-STB7N52K3_09 Datasheet
1Mb / 18P
N-channel 525 V, 0.84 OHM, 6.2 A, D2PAK, DPAK, TO-220FP, TO-220 SuperMESH3 Power MOSFET
10-Sep-2009
STD7NM80 STMICROELECTRONICS-STD7NM80 Datasheet
977Kb / 17P
N-channel 800 V, 0.95 Ω, 6.5 A TO-220, TO-220FP, IPAK, DPAK MDmesh™Power MOSFET
02-Oct-2009
STD6N52K3 STMICROELECTRONICS-STD6N52K3 Datasheet
249Kb / 12P
N-channel 525 V, 1 Ω, 5 A, DPAK, TO-220FP SuperMESH3??Power MOSFET
03-Sep-2008
STD5N52U STMICROELECTRONICS-STD5N52U Datasheet
943Kb / 18P
N-channel 525 V, 1.28 ohm, 4.4 A, DPAK, TO-220FP, I2PAK UltraFASTmesh Power MOSFET
28-Sep-2011
STF12N65M5 STMICROELECTRONICS-STF12N65M5 Datasheet
1Mb / 23P
N-channel 650 V, 0.39 Ohm, 8.5 A MDmesh V Power MOSFET DPAK, I2PAK, TO-220FP, TO-220, IPAK
22-Jun-2011
STD9NM60N STMICROELECTRONICS-STD9NM60N Datasheet
902Kb / 16P
N-channel 600 V, 0.63 ohm, 6.5 A TO-220, TO-220FP, DPAK MDmesh ll Power MOSFET
20-Oct-2010
logo
List of Unclassifed Man...
STU5N52K3 ETC2-STU5N52K3 Datasheet
1Mb / 23P
N-channel 525 V, 1.2 廓, 4.4 A SuperMESH3??Power MOSFET D짼PAK, DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STP4N52K3 STMICROELECTRONICS-STP4N52K3 Datasheet
1Mb / 2P
N-channel 525 V, 2.5 A, 2.1typ., SuperMESH3 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
19-Feb-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com