Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD00253742 Datasheet(PDF) 46 Page - STMicroelectronics

Part # CD00253742
Description  XL-density performance line ARM-based 32-bit MCU
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00253742 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button CD00253742 Datasheet HTML 42Page - STMicroelectronics CD00253742 Datasheet HTML 43Page - STMicroelectronics CD00253742 Datasheet HTML 44Page - STMicroelectronics CD00253742 Datasheet HTML 45Page - STMicroelectronics CD00253742 Datasheet HTML 46Page - STMicroelectronics CD00253742 Datasheet HTML 47Page - STMicroelectronics CD00253742 Datasheet HTML 48Page - STMicroelectronics CD00253742 Datasheet HTML 49Page - STMicroelectronics CD00253742 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 120 page
background image
Electrical characteristics
STM32F103xF, STM32F103xG
46/120
Doc ID 16554 Rev 3
Table 16.
Maximum current consumption in Sleep mode, code running from Flash
or RAM
Symbol
Parameter
Conditions
fHCLK
Max(1)
1.
Based on characterization, tested in production at VDD max, fHCLK max with peripherals enabled.
Unit
TA = 85 °C
TA = 105 °C
IDD
Supply current
in Sleep mode
External clock(2), all
peripherals enabled
2.
External clock is 8 MHz and PLL is on when fHCLK > 8 MHz.
72 MHz
47.5
48.5
mA
48 MHz
34
35
36 MHz
27.5
27.5
24 MHz
20
20.5
16 MHz
15
16
8 MHz
9
11
External clock(3), all
peripherals disabled
72 MHz
9.5
11.2
48 MHz
7.7
9.5
36 MHz
6.9
8.5
24 MHz
5.9
7.8
16 MHz
5.4
7.2
8 MHz
4.7
6.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com