Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA12-1K Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDA12-1K
Description  EOS and ESD Transil protection for charger and battery port
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA12-1K Datasheet(HTML) 3 Page - STMicroelectronics

  ESDA12-1K Datasheet HTML 1Page - STMicroelectronics ESDA12-1K Datasheet HTML 2Page - STMicroelectronics ESDA12-1K Datasheet HTML 3Page - STMicroelectronics ESDA12-1K Datasheet HTML 4Page - STMicroelectronics ESDA12-1K Datasheet HTML 5Page - STMicroelectronics ESDA12-1K Datasheet HTML 6Page - STMicroelectronics ESDA12-1K Datasheet HTML 7Page - STMicroelectronics ESDA12-1K Datasheet HTML 8Page - STMicroelectronics ESDA12-1K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ESDA-1K
Characteristics
Doc ID 17883 Rev 1
3/10
Figure 3.
Peak pulse power dissipation
versus exponential pulse duration
(typical values)
Figure 4.
Peak pulse power dissipation
versus initial junction temperature
(typical values)
1
10
100
1000
10
100
1000
P
PP(W)
Tj=25 °C
tP(µs)
ESDA12-1K
ESDA18-1K
0
100
200
300
400
500
600
700
800
900
1000
25
50
75
100
125
150
175
8/20 µs
P (W)
PP
T (°C)
j
ESDA18-1K
ESDA12-1K
Figure 5.
Clamping voltage versus peak
pulse current (typical values)
Figure 6.
Leakage current versus junction
temperature (typical values)
0.1
1.0
10.0
100.0
010
20
30
8/20 µs
T initial = 25 °C
j
V
(V)
CL
I
(A)
PP
ESDA18-1K
ESDA12-1K
0.01
1.00
100.00
25
35
45
55
65
75
85
V = V
= 10 V for ESDA12-1K
V = V
=1 5V for ESDA18-1K
RRM
RRM
I (nA)
R
T (°C)
j
ESDA18-1K
ESDA12-1K
Figure 7.
ESD response to IEC 61000-4-2
(+15 kV air discharge) ESDA12-1K
Figure 8.
ESD response to IEC 61000-4-2
(-15 kV air discharge) ESDA12-1K
C2
5 V / div
100 ns / div
C2
5 V / div
100 ns / div



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com