Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F100T-150FIB Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM29F100T-150FIB
Description  1 Megabit (128 K x 8-bit/64 K x 16-bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F100T-150FIB Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM29F100T-150FIB Datasheet HTML 1Page - Advanced Micro Devices AM29F100T-150FIB Datasheet HTML 2Page - Advanced Micro Devices AM29F100T-150FIB Datasheet HTML 3Page - Advanced Micro Devices AM29F100T-150FIB Datasheet HTML 4Page - Advanced Micro Devices AM29F100T-150FIB Datasheet HTML 5Page - Advanced Micro Devices AM29F100T-150FIB Datasheet HTML 6Page - Advanced Micro Devices AM29F100T-150FIB Datasheet HTML 7Page - Advanced Micro Devices AM29F100T-150FIB Datasheet HTML 8Page - Advanced Micro Devices AM29F100T-150FIB Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
FINAL
Publication# 18926
Rev: C Amendment/+2
Issue Date: March 1998
Am29F100
1 Megabit (128 K x 8-bit/64 K x 16-bit)
CMOS 5.0 Volt-only, Boot Sector Flash Memory
DISTINCTIVE CHARACTERISTICS
s Single power supply operation
—5.0 V
± 10% for read, erase, and program
operations
— Simplifies system-level power requirements
s High performance
— 70 ns maximum access time
s Low power consumption
— 20 mA typical active read current for byte mode
— 28 mA typical active read current for word mode
— 30 mA typical program/erase current
— 25
µA typical standby current
s Flexible sector architecture
— One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and
one 64 Kbyte sectors (byte mode)
— One 8 Kword, two 4 Kword, one 16 Kword, and
one 32 Kword sectors (word mode)
— Any combination of sectors can be erased
— Supports full chip erase
s Top or bottom boot block configurations
available
s Sector protection
— Hardware-based feature that disables/re-
enables program and erase operations in any
combination of sectors
— Sector protection/unprotection can be
implemented using standard PROM
programming equipment
— Temporary Sector Unprotect feature allows in-
system code changes in protected sectors
s Embedded Algorithms
— Embedded Erase algorithm automatically
pre-programs and erases the chip or any
combination of designated sector
— Embedded Program algorithm automatically
programs and verifies data at specified address
s Minimum 100,000 program/erase cycles
guaranteed
s Package options
— 44-pin SO
— 48-pin TSOP
s Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply flash
— Superior inadvertent write protection
s Data# Polling and Toggle Bits
— Provides a software method of detecting
program or erase cycle completion
s Ready/Busy pin (RY/BY#)
— Provides a hardware method for detecting
program or erase cycle completion
s Erase Suspend/Erase Resume
— Suspends an erase operation to read data from,
or program data to, a sector that is not being
erased, then resumes the erase operation
s Hardware RESET# pin
— Hardware method of resetting the device to
reading array data


Similar Part No. - AM29F100T-150FIB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F100T-120DGC AMD-AM29F100T-120DGC Datasheet
57Kb / 8P
1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29F100T-120DGC1 AMD-AM29F100T-120DGC1 Datasheet
57Kb / 8P
1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29F100T-120DGE AMD-AM29F100T-120DGE Datasheet
57Kb / 8P
1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29F100T-120DGE1 AMD-AM29F100T-120DGE1 Datasheet
57Kb / 8P
1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29F100T-120DGI AMD-AM29F100T-120DGI Datasheet
57Kb / 8P
1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
More results

Similar Description - AM29F100T-150FIB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F010 AMD-AM29F010 Datasheet
370Kb / 31P
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F100-1 AMD-AM29F100-1 Datasheet
57Kb / 8P
1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29F200A AMD-AM29F200A Datasheet
475Kb / 39P
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29LV001B AMD-AM29LV001B Datasheet
453Kb / 38P
1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200 AMD-AM29LV200 Datasheet
478Kb / 37P
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F200 AMD-AM29F200 Datasheet
519Kb / 39P
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
AM29F010B SPANSION-AM29F010B Datasheet
849Kb / 35P
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F200B AMD-AM29F200B_06 Datasheet
810Kb / 41P
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29LV001B AMD-AM29LV001B_06 Datasheet
767Kb / 43P
1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F010B SPANSION-AM29F010B_06 Datasheet
951Kb / 33P
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com