Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME8802LEEV Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AME8802LEEV
Description  300mA CMOS LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8802LEEV Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME8802LEEV Datasheet HTML 3Page - Analog Microelectronics AME8802LEEV Datasheet HTML 4Page - Analog Microelectronics AME8802LEEV Datasheet HTML 5Page - Analog Microelectronics AME8802LEEV Datasheet HTML 6Page - Analog Microelectronics AME8802LEEV Datasheet HTML 7Page - Analog Microelectronics AME8802LEEV Datasheet HTML 8Page - Analog Microelectronics AME8802LEEV Datasheet HTML 9Page - Analog Microelectronics AME8802LEEV Datasheet HTML 10Page - Analog Microelectronics AME8802LEEV Datasheet HTML 11Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Analog Microelectronics, Inc.
8
300mA CMOS LDO
AME8802
V
IN DC = 5.0V
Transient Line Response
TIME (2mS/DIV)
10
100
300
0.1
1.0
8.0
SOT-23-5
Safe Operating Area
Input-Output Voltage Differential (V)
0.01
0.1
1
10
100
1000
10000
0
50
100
150
200
Stable Region
Untested Region
Unstable Region
ILOAD (mA)
C
L =1 µF
Stability vs. ESR vs I
LOAD
0.01
0.1
1
10
100
1000
10000
0
50
100
150
200
ILOAD (mA)
Stable Region
Untested Region
Unstable Region
C
L =2 µF
Stability vs. ESR vs I
LOAD
0.01
0.1
1
10
100
1000
10000
0
50
100
150
200
Stable Region
Untested Region
Unstable Region
ILOAD (mA)
C
L =3 µF
Stability vs. ESR vs I
LOAD
0.001
0.01
0.1
1
10
100
1000
10000
0
50
100
150
200
Stable Region
Untested Region
Unstable Region
ILOAD (mA)
C
L =10 µF
Stability vs. ESR vs I
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com