Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROX1SS Datasheet(PDF) 2 Page - Tyco Electronics

Part # ROX1SS
Description  Flame-Proof Power Metal Oxide Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROX1SS Datasheet(HTML) 2 Page - Tyco Electronics

  ROX1SS Datasheet HTML 1Page - Tyco Electronics ROX1SS Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Performance Characteristics
Heat Rise Chart
The evaluation of the performance characteristics is
carried out with reference to IEC Specifications
QC 400 000 and QC 400 100.
TEST REF
Long Term Tests ± (5% + 0.1 ohm)
4.23
Climatic sequence
4.24
Damp heat, steady state
4.25.1
Endurance at 70°C
4.25.3
Endurance at 235°C
TEST REF
Short Term Tests ± (1% + 0.05 ohm)
4.13
Overload
4.16
Robustness of terminations
4.18
Resistance to soldering heat
4.19
Rapid change of temperature
4.22
Vibration
Packaging
New Style
Quantity per
Std tape
Component
Reference
Ammo Pack
Spacing *S ±1
Spacing c ±0.5
ROX05
2,000
52
5
ROX1
1,000
52
5
ROX2
1,000
63
10
ROX05S
2,000
52
5
ROX1SS
2,000
52
5
ROX1S
2,000
52
5
ROX2S
1,000
52
5
ROX3S
1,000
63
10
ROX5S
500
63
10
* Other tape spacings available on request
Other packaging styles are available on request
Power Derating Curve
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
220
240
-55
70
125
235
100
80
60
40
20
0
Ambient Temperature (°C)
ROX 1W~5W
How to Order
ROX
1
J
100R
BL
Common Part
1 - 1S
2 - 2S
3 - 3S
Style
G - 2%
J - 5%
(F - 1% available
on request)
Tolerance
Value
ROX - Flame-Proof
Power Metal Oxide
Film Resistor
100 ohm
(100 ohms) 100R
1K0
(1000 ohms) 1K0
100 K ohm
(100,000 ohms)
100K
Preform
BL - Preformed
Leads
Literature No. 1773271
Issued: 06-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
Flame-Proof Power Metal
Oxide Film Resistors
Type ROX Series
ROX 0.5W
0
25
50
75
100
4W, 5W
3W
2W
1W
1/2W
250
200
150
100
50
0
Rated Load (%)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com