Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM188ES-40KC/W Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # AM188ES-40KC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM188ES-40KC/W Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button AM188ES-40KC/W Datasheet HTML 59Page - Advanced Micro Devices AM188ES-40KC/W Datasheet HTML 60Page - Advanced Micro Devices AM188ES-40KC/W Datasheet HTML 61Page - Advanced Micro Devices AM188ES-40KC/W Datasheet HTML 62Page - Advanced Micro Devices AM188ES-40KC/W Datasheet HTML 63Page - Advanced Micro Devices AM188ES-40KC/W Datasheet HTML 64Page - Advanced Micro Devices AM188ES-40KC/W Datasheet HTML 65Page - Advanced Micro Devices AM188ES-40KC/W Datasheet HTML 66Page - Advanced Micro Devices AM188ES-40KC/W Datasheet HTML 67Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 102 page
background image
Am186/188ES and Am186/188ESLV Microcontrollers
63
P R E L IMINAR Y
Alphabetical Key to Switching Parameter Symbols (continued)
Parameter Symbol
No.
Description
tCLCSV
16
MCS/PCS Active Delay
tCLDOX
30
Data Hold Time
tCLDV
7
Data Valid Delay
tCLDX
2
Data in Hold
tCLHAV
62
HLDA Valid Delay
tCLRF
82
CLKOUTA High to RFSH Invalid
tCLRH
27
RD Inactive Delay
tCLRL
25
RD Active Delay
tCLSH
4
Status Inactive Delay
tCLSRY
48
SRDY Transition Hold Time
tCLTMV
55
Timer Output Delay
tCOAOB
83
CLKOUTA to CLKOUTB Skew
tCSHARYL
88
Chip Select to ARDY Low
tCVCTV
20
Control Active Delay 1
tCVCTX
31
Control Inactive Delay
tCVDEX
21
DEN Inactive Delay
tCXCSX
17
MCS/PCS Hold from Command Inactive
tDSHDIR
92
DS High to Data Invalid—Read
tDSHDIW
98
DS High to Data Invalid—Write
tDSHDX
93
DS High to Data Bus Turn-off Time
tDSHLH
41
DS Inactive to ALE Inactive
tDSLDD
90
DS Low to Data Driven
tDSLDV
91
DS Low to Data Valid
tDVCL
1
Data in Setup
tDVDSL
97
Data Valid to DS Low
tDXDL
19
DEN Inactive to DT/R Low
tHVCL
58
HOLD Setup
tINVCH
53
Peripheral Setup Time
tINVCL
54
DRQ Setup Time
tLCRF
86
LCS Inactive to RFSH Active Delay
tLHAV
23
ALE High to Address Valid
tLHLL
10
ALE Width
tLLAX
13
AD Address Hold from ALE Inactive
tLOCK
61
Maximum PLL Lock Time
tLRLL
84
LCS Precharge Pulse Width
tRESIN
57
RES Setup Time
tRFCY
85
RFSH Cycle Time
tRHAV
29
RD Inactive to AD Address Active
tRHDX
59
RD High to Data Hold on AD Bus
tRHDZ
94
RD High to Data Bus Turn-off Time
tRHLH
28
RD Inactive to ALE High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com