Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18E112K Datasheet(PDF) 8 Page - World Produts Inc.

Part # 18E112K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

18E112K Datasheet(HTML) 8 Page - World Produts Inc.

Back Button 18E112K Datasheet HTML 4Page - World Produts Inc. 18E112K Datasheet HTML 5Page - World Produts Inc. 18E112K Datasheet HTML 6Page - World Produts Inc. 18E112K Datasheet HTML 7Page - World Produts Inc. 18E112K Datasheet HTML 8Page - World Produts Inc. 18E112K Datasheet HTML 9Page - World Produts Inc. 18E112K Datasheet HTML 10Page - World Produts Inc. 18E112K Datasheet HTML 11Page - World Produts Inc. 18E112K Datasheet HTML 12Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
6 | Metal Oxide Varistors
Part Number System
Example: VZ20D241KBOCX-VPN
V
Z
20
E
241
K
B
O
C
X
-
V
P
N
––
––
–––
––
––––
––
––
––
––
––
––
––
––
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
(1) Series
V = Varistor
(2) Type
Z = Zinc Oxide
(3) Disk Diameter
05 = 5mm, 07 = 7mm, 10 = 10mm, 14 = 14mm,
18 = 18mm, 20 = 20mm, 25 = 25mm, 32 = 32mm,
34 = 34mm, 40 = 40mm, 53 = 53mm
(4) Type
D = Standard
E = High Energy Type
R = (applicable only for 34mm Types)
(5) Varistor Voltage
241 = 24 x 101 = 240 (DC Volts)
(6) Tolerance
J = 5%, K = 10%
(7) Packing Code
B = Bulk Pack
(For taped parts packing code, see Taping Specifications .)
Note: For sizes 32 and larger please reference
specification pages for fields beyond (6) .
(8) Lead Configuration (For Bulk Parts)
S = Straight
O = Outward Crimp
I = Inward Crimp
L = Inline Crimp
N = Bulk parts for 320VAC and larger come standard
with inline crimp (see illustration below) for straight disk
seating on PC boards . If straight leads are required
instead of inline crimp please use code “N” in the
appropriate position as stated above .
Note: Also applicable for 32mm (KW Series)
with wire leads .
R = Bare disk without leads (no epoxy) .
Available in 20mm & 25mm disk sizes**(RoHS Compliant) .
(9) Lead Cutting
A = 4 .0 ± 1 .0mm ( .16” ± .04”)
(Crimped lead)
B = 3 .0 ± 1 .0mm ( .12” ± .04”)
(Crimped lead)
C = 4 .5 ± 1 .5mm ( .18” ± .06”)
(Crimped lead)
D = 6 .5 ± 1 .0mm ( .26” ± .04”)
(Crimped lead)
E = 4 .0 ± 1 .0mm ( .18” ± .04”)
(Straight lead)
F = 5 .0 ± 1 .0mm ( .2” ± .04”)
(Crimped lead)
G = 3 .3 ± 0 .5mm ( .13” ± .02”)
(Crimped lead)
(For lead length reference points see
Standard Lead Modifications) .
Note: Also applicable for 32mm (KW Series)
with wire leads .
(10) Lead Spacing
X = 10mm (0 .4”) lead spacing 1mm (0 .039”) lead diameter) .
(For 18mm and 20mm disk diameter only.)
Z = 5mm (0 .2”) leadspacing .
(For 10mm and 14mm disk diameters .)
(11) Extremely High Energy Rating
V = 15KA for 20mm,12KA for 18mm and 7.5KA for 14mm, “E
Series” parts only. Available in varistor voltages 14mm and
20mm (181-112), 18mm (181-781) (UL1414 and UL1449 3rd
Edition recognized parts). CSA recognized for 14, 18 & 20mm
“E Series” parts all values ≥ 201 with the exception of 14E
(911, 102 & 112) . 14E “V” series parts are rated at 7 .5KA . (If
you have a special voltage request, please inquire) .***
(12) Coating Option
P = Phenolic Coating with 2000VDC rating . Applicable
for UL1414 (5mm – 20mm), UL1449 3rd Edition (14mm,
18mm and 20mm “V” type only), and CSA (5mm – 20mm)
recognized parts .***
B = Phenolic Coating with 500VDC rating . Applicable for
UL1414 (5mm – 20mm) and CSA (5mm - 20mm) recognized
parts .***
Y= Bare disk with leads (no epoxy) .
Available in 20mm & 25mm disk size** (RoHS Compliant
20E suffix “V” 181K - 471K CSA c/us certified File
#154862) .
C= Halogen Free Coating . Applicable for UL1449 (3rd
Edition), UL1414, (5mm-20mm), CSA (5mm-25mm) and
VDE (14D, 14E, 18E and 20E only) .***
(13) RoHS Compliant*
N = RoHS Compliant
(Available in disk sizes 5mm – 53mm)
L
3.0mm
(0.12") max
Seating
Plane
* Compliant with Directive 2002/95/EC of the European Parliament and of the Council
of 27 January 2003 on the restriction of the use of certain hazardous substances in
electrical and electronic equipment (RoHS Directive) . Please note solderability profile
on page 107.
** 32mm – 53mm types are also available as bare disk with and without leads .
Reference suffix codes stated in Electrical/Dimensions section for these types in this
catalog .
***Metal Oxide Varistors may not be recognized to
UL1414 from December 25, 2013 .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com