Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F200AT-150SCB Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29F200AT-150SCB
Description  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F200AT-150SCB Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29F200AT-150SCB Datasheet HTML 1Page - Advanced Micro Devices AM29F200AT-150SCB Datasheet HTML 2Page - Advanced Micro Devices AM29F200AT-150SCB Datasheet HTML 3Page - Advanced Micro Devices AM29F200AT-150SCB Datasheet HTML 4Page - Advanced Micro Devices AM29F200AT-150SCB Datasheet HTML 5Page - Advanced Micro Devices AM29F200AT-150SCB Datasheet HTML 6Page - Advanced Micro Devices AM29F200AT-150SCB Datasheet HTML 7Page - Advanced Micro Devices AM29F200AT-150SCB Datasheet HTML 8Page - Advanced Micro Devices AM29F200AT-150SCB Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Am29F200A
3
P R E L I M I NARY
PRODUCT SELECTOR GUIDE
BLOCK DIAGRAM
Family Part Number
Am29F200A
Speed Option
VCC = 5.0 V ± 5%
-55
VCC = 5.0 V ± 10%
-70
-90
-120
-150
Max access time, ns (tACC)
55
70
90
120
150
Max CE# access time, ns (tCE)
55
70
90
120
150
Max OE# access time, ns (tOE)
3030
3550
55
Erase Voltage
Generator
Input/Output
Buffers
Data
Latch
Y-Gating
Cell Matrix
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
WE#
CE#
OE#
A0–A16
STB
STB
DQ0–DQ15
RY/BY#
Buffer
RY/BY#
BYTE#
RESET#
A-1
VCC
VSS
20637B-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com