Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MS5T2B4V2RE. Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1MS5T2B4V2RE.
Description  Toggle Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1MS5T2B4V2RE. Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1MS5T2B4V2RE. Datasheet HTML 1Page - List of Unclassifed Manufacturers 1MS5T2B4V2RE. Datasheet HTML 2Page - List of Unclassifed Manufacturers 1MS5T2B4V2RE. Datasheet HTML 3Page - List of Unclassifed Manufacturers 1MS5T2B4V2RE. Datasheet HTML 4Page - List of Unclassifed Manufacturers 1MS5T2B4V2RE. Datasheet HTML 5Page - List of Unclassifed Manufacturers 1MS5T2B4V2RE. Datasheet HTML 6Page - List of Unclassifed Manufacturers 1MS5T2B4V2RE. Datasheet HTML 7Page - List of Unclassifed Manufacturers 1MS5T2B4V2RE. Datasheet HTML 8Page - List of Unclassifed Manufacturers 1MS5T2B4V2RE. Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Toggle Switches
Miniature
Page <2>
17/01/12 V1.1
www.farnell.com
www.newark.com
www.element14.com
Switch Function
Number
of Poles
UL/CSA
Model
Numbers
Model
Number
Switch Function
Connected Terminals/Schematic
Position 1 Position 2 Position 3
Position 1
Position 2
Position 3
DP
Q1126
1MD6
On
On
On
2 to 3, 5 to 6
2 to 3, 5 to 4
2 to 1, 5 to 4
Q1127
1MD7
MOM
MOM
Q1128
1MD8
On
3P
Q1131
1M31
None
On
N/A
Q1132
1M32
MOM
Q1133
1M33
Off
On
Open
Q1134
1M34
MOM
MOM
Q1135
1M35
On
4P
Q1141
1M41
None
On
Q1142
1M42
MOM
Q1143
1M43
Off
On
Q1144
1M44
MOM
MOM
Q1145
1M45
On
Q1146
1M46
On
On
2 to 3, 5 to 6,
8 to 9, 11 to 12
2 to 3, 5 to 4,
8 to 9,
11 to 10
2 to 1, 5 to 4,
8 to 7, 11 to 10
Q1147
1M47
MOM
MOM
Q1148
1M48
On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com