Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29400 Datasheet(PDF) 21 Page - AMIC Technology

Part # A29400
Description  512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29400 Datasheet(HTML) 21 Page - AMIC Technology

Back Button A29400 Datasheet HTML 17Page - AMIC Technology A29400 Datasheet HTML 18Page - AMIC Technology A29400 Datasheet HTML 19Page - AMIC Technology A29400 Datasheet HTML 20Page - AMIC Technology A29400 Datasheet HTML 21Page - AMIC Technology A29400 Datasheet HTML 22Page - AMIC Technology A29400 Datasheet HTML 23Page - AMIC Technology A29400 Datasheet HTML 24Page - AMIC Technology A29400 Datasheet HTML 25Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
A29400 Series
PRELIMINARY
(February, 2001, Version 0.1)
21
AMIC Technology, Inc.
AC Characteristics
Word/Byte Configuration (
BYTE)
Parameter
All Speed Options
JEDEC
Std
Description
-55
-70
-90
Unit
tELFL/tELFH
CE to BYTE Switching Low or High
Max
5
ns
tFLQZ
BYTE Switching Low to Output High-Z
Max
15
20
20
ns
tHQV
BYTE Switching High to Output Active
Min
55
70
90
ns
BYTE Timings for Read Operations
BYTE Timings for Write Operations
Note:
Refer to the Erase/Program Operations table for tAS and tAH specifications.
Data Output
(I/O0-I/O14)
Data Output
(I/O0-I/O7)
I/O15
Output
Address Input
Data Output
(I/O0-I/O14)
Data Output
(I/O0-I/O7)
I/O15
Output
Address Input
tFHQV
tFLQZ
tELFH
tELFL
CE
OE
BYTE
I/O0-I/O14
I/O15 (A-1)
BYTE
I/O0-I/O14
I/O15 (A-1)
BYTE
Switching
from word to
byte mode
BYTE
Switching
from byte to
word mode
The falling edge of the last WE signal
tHOLD(tAH)
tSET
(tAS)
CE
BYTE
WE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com