Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP504ACEZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADMP504ACEZ
Description  Ultralow Noise Microphone with Bottom Port and Analog Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP504ACEZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADMP504ACEZ Datasheet HTML 4Page - Analog Devices ADMP504ACEZ Datasheet HTML 5Page - Analog Devices ADMP504ACEZ Datasheet HTML 6Page - Analog Devices ADMP504ACEZ Datasheet HTML 7Page - Analog Devices ADMP504ACEZ Datasheet HTML 8Page - Analog Devices ADMP504ACEZ Datasheet HTML 9Page - Analog Devices ADMP504ACEZ Datasheet HTML 10Page - Analog Devices ADMP504ACEZ Datasheet HTML 11Page - Analog Devices ADMP504ACEZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADMP504
Data Sheet
Rev. 0 | Page 10 of 12
RELIABILITY SPECIFICATIONS
The microphone sensitivity after stress must deviate by no more than 3 dB from the initial value.
Table 5.
Stress Test
Description
Low Temperature Operating Life
−40°C, 1000 hrs, powered
High Temperature Operating Life
+125°C, 1000 hrs, powered
Temperature Humidity Bias (THB)
+85°C/+85% relative humidity (RH), 1000 hrs, powered
Temperature Cycle
−40°C/+125°C, one cycle per hour, 1000 cycles
High Temperature Storage
+150°C, 1000 hrs
Low Temperature Storage
−40°C, 1000 hrs
Component CDM ESD
All pins, 0.5 kV
Component HBM ESD
All pins, 1.5 kV
Component MM ESD
All pins, 0.2 kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com