Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F100T-70FEB Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM29F100T-70FEB
Description  1 Megabit (128 K x 8-bit/64 K x 16-bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F100T-70FEB Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29F100T-70FEB Datasheet HTML 1Page - Advanced Micro Devices AM29F100T-70FEB Datasheet HTML 2Page - Advanced Micro Devices AM29F100T-70FEB Datasheet HTML 3Page - Advanced Micro Devices AM29F100T-70FEB Datasheet HTML 4Page - Advanced Micro Devices AM29F100T-70FEB Datasheet HTML 5Page - Advanced Micro Devices AM29F100T-70FEB Datasheet HTML 6Page - Advanced Micro Devices AM29F100T-70FEB Datasheet HTML 7Page - Advanced Micro Devices AM29F100T-70FEB Datasheet HTML 8Page - Advanced Micro Devices AM29F100T-70FEB Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Am29F100
5
CONNECTION DIAGRAMS
PIN CONFIGURATION
A0–A15
= 16 Addresses
DQ0–DQ14 = 15 Data Inputs/Outputs
DQ15/A-1 = DQ15 (Data Input/Output, word mode),
A-1 (LSB Address Input, byte mode)
CE#
= Chip Enable
OE#
= Output Enable
WE#
= Write Enable
BYTE#
= Selects 8-bit or 16-bit mode
RESET#
= Hardware Reset Pin, Active Low
RY/BY#
= Ready/Busy Output
VCC
= +5.0 Volt Single Power Supply
(See Product Selector Guide for speed
options and voltage supply tolerances)
VSS
= Device Ground
NC
= Pin Not Connected Internally
LOGIC SYMBOL
18926C-4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
NC
RY/BY#
NC
A7
A6
A5
A4
A3
A2
A1
A0
CE#
VSS
OE#
DQ0
DQ8
DQ1
DQ9
DQ2
DQ10
DQ3
DQ11
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
RESET#
WE#
A8
A9
A10
A11
A12
A13
A14
A15
NC
BYTE#
VSS
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VCC
SO
16
16 or 8
DQ0–DQ15
(A-1)
A0–A15
CE#
OE#
WE#
18926C-5
RESET#
RY/BY#
BYTE#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com