Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PALCE20V8H-7PC4 Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # PALCE20V8H-7PC4
Description  EE CMOS 24-Pin Universal Programmable Array Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE20V8H-7PC4 Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button PALCE20V8H-7PC4 Datasheet HTML 8Page - Advanced Micro Devices PALCE20V8H-7PC4 Datasheet HTML 9Page - Advanced Micro Devices PALCE20V8H-7PC4 Datasheet HTML 10Page - Advanced Micro Devices PALCE20V8H-7PC4 Datasheet HTML 11Page - Advanced Micro Devices PALCE20V8H-7PC4 Datasheet HTML 12Page - Advanced Micro Devices PALCE20V8H-7PC4 Datasheet HTML 13Page - Advanced Micro Devices PALCE20V8H-7PC4 Datasheet HTML 14Page - Advanced Micro Devices PALCE20V8H-7PC4 Datasheet HTML 15Page - Advanced Micro Devices PALCE20V8H-7PC4 Datasheet HTML 16Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AMD
2-178
PALCE20V8 Family
TYPICAL ICC CHARACTERISTICS
VCC = 5.0 V, TA = 25
°C
150
125
100
75
50
25
0
010
20
30
40
50
Frequency (MHz)
ICC (mA)
16491D-13
The selected “typical” pattern utilized 50% of the device resources. Half of the macrocells were programmed as registered, and
the other half were programmed as combinatorial. Half of the available product terms were used for each macrocell. On any
vector, half of the outputs were switching.
By utilizing 50% of the device, a midpoint is defined for ICC. From this midpoint, a designer may scale the ICC graphs up or down to
estimate the ICC requirements for a particular design.
20V8H-5
20V8H-7
20V8H-10
20V8H-15/25
20V8Q-15/25
ICC vs. Frequency
20V8Q-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com