Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29L400 Datasheet(PDF) 21 Page - AMIC Technology

Part # A29L400
Description  512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L400 Datasheet(HTML) 21 Page - AMIC Technology

Back Button A29L400 Datasheet HTML 17Page - AMIC Technology A29L400 Datasheet HTML 18Page - AMIC Technology A29L400 Datasheet HTML 19Page - AMIC Technology A29L400 Datasheet HTML 20Page - AMIC Technology A29L400 Datasheet HTML 21Page - AMIC Technology A29L400 Datasheet HTML 22Page - AMIC Technology A29L400 Datasheet HTML 23Page - AMIC Technology A29L400 Datasheet HTML 24Page - AMIC Technology A29L400 Datasheet HTML 25Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
A29L400 Series
PRELIMINARY
(October, 2002, Version 0.2)
21
AMIC Technology, Inc.
DC Characteristics
CMOS Compatible (TA=0
°°C to 70°°C or -45°°C to +85°°C)
Parameter
Symbol
Parameter Description
Test Description
Min.
Typ.
Max.
Unit
ILI
Input Load Current
VIN = VSS to VCC. VCC = VCC Max
±1.0
µA
ILIT
A9 Input Load Current
VCC = VCC Max, A9 =12.5V
35
µA
ILO
Output Leakage Current
VOUT = VSS to VCC. VCC = VCC Max
±1.0
µA
5 MHz
4
10
CE = VIL, OE = VIH
Byte Mode
1 MHz
2
4
5 MHz
4
10
ICC1
VCC Active Read Current
(Notes 1, 2)
CE = VIL, OE = VIH
Word Mode
1 MHz
2
4
mA
ICC2
VCC Active Write (Program/Erase)
Current (Notes 2, 3, 4)
CE = VIL, OE =VIH
20
30
mA
ICC3
VCC Standby Current (Note 2)
CE = VIH, RESET= VCC
± 0.3V
0.2
5
µA
ICC4
VCC Standby Current During Reset
(Note 2)
RESET= VSS
± 0.3V
0.2
5
µA
ICC5
Automatic Sleep Mode
(Note 2, 4, 5)
VIH = VCC
± 0.3V; VIL = VSS ± 0.3V
0.2
5
µA
VIL
Input Low Level
-0.5
0.8
V
VIH
Input High Level
0.7 x VCC
VCC + 0.3
V
VID
Voltage for Autoselect and
Temporary Unprotect Sector
VCC = 3.3 V
11.5
12.5
V
VOL
Output Low Voltage
IOL = 4.0mA, VCC = VCC Min
0.45
V
VOH1
IOH = -2.0 mA, VCC = VCC Min
0.85 x VCC
V
VOH2
Output High Voltage
IOH = -100
µA, VCC = VCC Min
VCC - 0.4
V
Notes:
1. The ICC current listed is typically less than 2 mA/MHz, with OE at VIH. Typical VCC is 3.0V.
2. Maximum ICC specifications are tested with VCC = VCC max.
3. ICC active while Embedded Algorithm (program or erase) is in progress.
4. Automatic sleep mode enables the low power mode when addresses remain stable for tACC + 30ns. Typical sleep mode
current is 200nA.
5. Not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com