Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9777B Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9777B
Description  Low power voltage regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9777B Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9777B Datasheet HTML 10Page - STMicroelectronics L9777B Datasheet HTML 11Page - STMicroelectronics L9777B Datasheet HTML 12Page - STMicroelectronics L9777B Datasheet HTML 13Page - STMicroelectronics L9777B Datasheet HTML 14Page - STMicroelectronics L9777B Datasheet HTML 15Page - STMicroelectronics L9777B Datasheet HTML 16Page - STMicroelectronics L9777B Datasheet HTML 17Page - STMicroelectronics L9777B Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Functional description
L9777
14/25
Doc ID 13496 Rev 2
3.4
RESET adjustable threshold
The under voltage threshold value (VCCUN) can be set between 0.7VCC (typ.) and
0.96VCC (typ) by connecting external resistor divider to RADJ pin (see Figure 11). This
feature can be used with microprocessors that guarantee a safe operation with supply
voltage lower than internal reset threshold. The calculation of this threshold is given by:
VCCUN_ext = VRADJTH (1+R1/R2)
(neglecting RADJ input current)
where: VRADJTH=1.2V (typ) and VCCUN_ext is the reset threshold.
If this features is not needed, RADJ pin has to be connected to GND, in this case the
internal under voltage threshold value is 0.94*VCC (typ.).
Figure 11.
Resistor divider to adjust the under voltage threshold
3.5
Watchdog
The watchdog input WD monitors a connected microcontroller. If pulses are missing, the
output NMI is set to low. The minimum WD frequency to avoid reset event can be set with
the external capacitor CD. The watchdog circuit charges and discharges the capacitor CD
with the constant currents IWC and IWD, counting the number of oscillations as for TRD
delay time. If no rising edge is sensed on pin WD between 48 oscillation periods (TWOP -
TWOL, time A to B in Figure 12), a watchdog reset is generated. To prevent this reset the
microcontroller must generate a positive edge during this time window in order to reset the
counter.
Minimum frequency of microprocessor input signal can be calculated using following
equation:
TWOP - TWOL = 48 * TOSC = 2.976*106*CD s
Every WD positive edge resets the counter and makes a synchronization between internal
oscillator and external WD input signal.
Synchronization is realized changing the current from charging to discharging if rising edge
is detected during rising ramp on CD (time D in Figure 12). Otherwise if rising edge is
detected during falling ramp on CD, no current inversion is performed (time E). This
operation leads to a maximum error of half oscillation period on TWOP - TWOL time
window. When NMI goes low for watchdog reset, the counter will go on for other 16 counts,
returning to initial state (time B to C in Figure 12). During this time (TWOL) the NMI remains
low and WD edges are masked, so the TWOL reset time is fully guaranteed.
The Watchdog operation is not active only if WD_EN input pin is set low.
RADJ
VCC
L9777
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com