Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9777A Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9777A
Description  Low power voltage regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9777A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9777A Datasheet HTML 9Page - STMicroelectronics L9777A Datasheet HTML 10Page - STMicroelectronics L9777A Datasheet HTML 11Page - STMicroelectronics L9777A Datasheet HTML 12Page - STMicroelectronics L9777A Datasheet HTML 13Page - STMicroelectronics L9777A Datasheet HTML 14Page - STMicroelectronics L9777A Datasheet HTML 15Page - STMicroelectronics L9777A Datasheet HTML 16Page - STMicroelectronics L9777A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
L9777
Functional description
Doc ID 13496 Rev 2
13/25
3.3
NMI and RESET driver delay
NMI and RESET pins are driven by bipolar transistor with a maximum current capability
internally limited of value respectively INMIL and IRESL.
For this reason, when the drivers are activated, the capacitors present on pin NMI or RESET
are discharged with constant current. The waveform on output pin is a voltage ramp with a
slope linearly dependent on external capacitance.
The fall time needed by drivers to discharge external capacitor can be calculated in first
approximation using this expression.
Where
ΔV is the voltage difference between 90% and 10% of total voltage swing of the
transition, Cext is the total pin capacitance and Ilim is the current limitation of the driver
(IRESL and INMIL).
Figure 10.
RESET and NMI drivers fall time
t
fall
V
Δ
C
ext
⋅
()
I
lim
-----------------------------
=
RESET (V)
TIME (µs)
5
90%
Vsw
10%
Vsw
Vsw
Tfall
VRESL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com