Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317T Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM317T
Description  1.2 V to 37 V adjustable voltage regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM317T Datasheet(HTML) 1 Page - STMicroelectronics

  LM317T Datasheet HTML 1Page - STMicroelectronics LM317T Datasheet HTML 2Page - STMicroelectronics LM317T Datasheet HTML 3Page - STMicroelectronics LM317T Datasheet HTML 4Page - STMicroelectronics LM317T Datasheet HTML 5Page - STMicroelectronics LM317T Datasheet HTML 6Page - STMicroelectronics LM317T Datasheet HTML 7Page - STMicroelectronics LM317T Datasheet HTML 8Page - STMicroelectronics LM317T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
February 2012
Doc ID 2154 Rev 18
1/25
25
LM117
LM217, LM317
1.2 V to 37 V adjustable voltage regulators
Features
■ Output voltage range: 1.2 to 37 V
■ Output current in excess of 1.5 A
■ 0.1 % line and load regulation
■ Floating operation for high voltages
■ Complete series of protections: current limiting,
thermal shutdown and SOA control
Description
The LM117, LM217, LM317 are monolithic
integrated circuits in TO-220, TO-220FP, TO-3
and D²PAK packages intended for use as positive
adjustable voltage regulators. They are designed
to supply more than 1.5 A of load current with an
output voltage adjustable over a 1.2 to 37 V
range. The nominal output voltage is selected by
means of only a resistive divider, making the
device exceptionally easy to use and eliminating
the stocking of many fixed regulators.
TO-220FP
D²PAK
TO-220
TO-3
Table 1.
Device summary
Order codes
TO-220
D²PAK (tape and reel)
TO-220FP
TO-3
LM117K
LM217T
LM217T-DG (1)
LM217D2T-TR
LM217K
LM317T
LM317T-DG (1)
LM317D2T-TR
LM317P
LM317K
1.
TO-220 Dual Gauge frame.
www.st.com


Similar Part No. - LM317T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317T NSC-LM317T Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
logo
ON Semiconductor
LM317T ONSEMI-LM317T Datasheet
132Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
logo
STMicroelectronics
LM317T STMICROELECTRONICS-LM317T Datasheet
99Kb / 11P
1.2V TO 37V VOLTAGE REGULATOR
Nov-1999
logo
Fairchild Semiconductor
LM317T FAIRCHILD-LM317T Datasheet
67Kb / 6P
Adjustable Voltage Regulator (Positive)
logo
ON Semiconductor
LM317T ONSEMI-LM317T Datasheet
133Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
More results

Similar Description - LM317T

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM663A AD-ADM663A Datasheet
331Kb / 9P
Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
REV.0
ADG3304 AD-ADG3304 Datasheet
68Kb / 5P
Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
logo
STMicroelectronics
LM117 STMICROELECTRONICS-LM117_08 Datasheet
1,023Kb / 25P
1.2 V to 37 V adjustable voltage regulators
06-Feb-2008
LM117 STMICROELECTRONICS-LM117_10 Datasheet
1Mb / 25P
1.2 V to 37 V adjustable voltage regulators
02-Mar-2010
LM217M STMICROELECTRONICS-LM217M_08 Datasheet
766Kb / 21P
Medium current 1.2 to 37 V adjustable voltage regulator
11-Feb-2008
LM317T-DG STMICROELECTRONICS-LM317T-DG Datasheet
1Mb / 25P
1.2 V to 37 V adjustable voltage regulators
13-Feb-2012
LM217LZ-TR STMICROELECTRONICS-LM217LZ-TR Datasheet
683Kb / 23P
Low current 1.2 to 37 V adjustable voltage regulators
20-May-2014
logo
Analog Devices
ADM663A AD-ADM663A_15 Datasheet
279Kb / 9P
Tri-Mode 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators
REV. 0
logo
Micro Commercial Compon...
LM317DT MCC-LM317DT_13 Datasheet
216Kb / 2P
Adjustable Voltage Regulators
logo
STMicroelectronics
LM217 STMICROELECTRONICS-LM217 Datasheet
1Mb / 34P
1.2 V to 37 V adjustable voltage regulators
23-Dec-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com