Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4060 Datasheet(PDF) 14 Page - STMicroelectronics

Part # 74HC4060
Description  14-stage binary counter/oscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74HC4060 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button 74HC4060 Datasheet HTML 8Page - STMicroelectronics 74HC4060 Datasheet HTML 9Page - STMicroelectronics 74HC4060 Datasheet HTML 10Page - STMicroelectronics 74HC4060 Datasheet HTML 11Page - STMicroelectronics 74HC4060 Datasheet HTML 12Page - STMicroelectronics 74HC4060 Datasheet HTML 13Page - STMicroelectronics 74HC4060 Datasheet HTML 14Page - STMicroelectronics 74HC4060 Datasheet HTML 15Page - STMicroelectronics 74HC4060 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Package information
M74HC4060
14/16
DocID1967 Rev 2
Figure 12. TSSOP-16 package outline
Table 11. TSSOP-16 mechanical data
Symbol
Dimensions
mm
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.2
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0089
D
4.9
5
5.1
0.193
0.197
0.201
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.48
0.169
0.173
0.176
e
0.65 BSC
0.0256 BSC
K0°
8°
0°
8°
L
0.45
0.60
0.75
0.018
0.024
0.030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com