Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC4060 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HC4060
Description  14-stage binary counter/oscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HC4060 Datasheet(HTML) 1 Page - STMicroelectronics

  HC4060 Datasheet HTML 1Page - STMicroelectronics HC4060 Datasheet HTML 2Page - STMicroelectronics HC4060 Datasheet HTML 3Page - STMicroelectronics HC4060 Datasheet HTML 4Page - STMicroelectronics HC4060 Datasheet HTML 5Page - STMicroelectronics HC4060 Datasheet HTML 6Page - STMicroelectronics HC4060 Datasheet HTML 7Page - STMicroelectronics HC4060 Datasheet HTML 8Page - STMicroelectronics HC4060 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
May 2013
DocID1967 Rev 2
1/16
16
M74HC4060
14-stage binary counter/oscillator
Datasheet
- production data
Features
 High speed:
fmax = 65 MHz (typ.) at VCC = 6 V
 Low power dissipation:
ICC = 4 A (max.) at TA = 25 °C
 High noise immunity:
VNIH = VNIL = 28% VCC (min.)
 Symmetrical output impedance:
|IOH| = IOL = 4 mA (min.)
 Balanced propagation delays: TPLH  TPHL
 Wide operating voltage range:
VCC (opr.) = 2 V to 6 V
 Pin and function compatible with 74 series
4060
Applications
 Automotive
 Industrial
 Computer
 Consumer
Description
The M74HC4060 device is a high speed CMOS
14-stage binary counter/oscillator fabricated with
silicon gate C2MOS technology.
The oscillator configuration allows design of either
RC or crystal oscillator circuits. A high level on the
CLEAR accomplishes the reset function, i.e. all
counter outputs are made low and the oscillator is
disabled.
A negative transition on the clock input
increments the counter. Ten kinds of divided
output are provided; 4 to 10 and 12 to 14 stage
inclusive. The maximum division available at Q12
is 1/16384 of the oscillator frequency.
The
I input and the CLEAR input are equipped
with protection circuits against static discharge
and transient excess voltage.
Table 1. Device summary
Ordering code
Temperature range
Package
Marking
M74HC4060B1R
-55 °C to +125 °C
PDIP-16
M74HC4060B1
M74HC4060RM13TR
-55 °C to +125 °C
SO-16
74HC4060
M74HC4060YRM13TR(1)
-40 °C to +125 °C
SO-16 (automotive version)
74HC4060Y
M74HC4060TTR
-55 °C to +125 °C
TSSOP-16
HC4060
M74HC4060YTTR(1)
-40 °C to +125 °C
TSSOP-16 (automotive version)
HC4060Y
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 and Q002 or equivalent.
www.st.com


Similar Part No. - HC4060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HC4060 TI-HC4060 Datasheet
705Kb / 23P
14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
logo
ON Semiconductor
HC4060AG ONSEMI-HC4060AG Datasheet
116Kb / 11P
14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
STMicroelectronics
HC4060M STMICROELECTRONICS-HC4060M Datasheet
257Kb / 12P
14 STAGE BINARY COUNTER/OSCILLATOR
Mar-1993
logo
Texas Instruments
HC4060M TI-HC4060M Datasheet
47Kb / 10P
High Speed CMOS Logic 14-Stage Binary Counter with Oscillator
logo
Fairchild Semiconductor
HC4060M FAIRCHILD-HC4060M Datasheet
84Kb / 8P
14 Stage Binary Counter
More results

Similar Description - HC4060

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
14-stage binary ripple counter with oscillator
December 1990
74LV4060 PHILIPS-74LV4060 Datasheet
165Kb / 18P
14-stage binary ripple counter with oscillator
1998 Jun 23
logo
STMicroelectronics
M54HC4060 STMICROELECTRONICS-M54HC4060 Datasheet
257Kb / 12P
14 STAGE BINARY COUNTER/OSCILLATOR
Mar-1993
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
14-Stage Binary Counter 12-Stage Binary Counter
logo
Integral Corp.
IN74HC4060A INTEGRAL-IN74HC4060A Datasheet
356Kb / 8P
14 STAGE BINARY COUNTER/OSCILLATOR
logo
KODENSHI_AUK CORP.
KK74HC4060A KODENSHI-KK74HC4060A Datasheet
372Kb / 8P
14 STAGE BINARY COUNTER/OSCILLATOR
logo
STMicroelectronics
M54HC4060 STMICROELECTRONICS-M54HC4060_04 Datasheet
380Kb / 12P
RAD-HARD 14 STAGE BINARY COUNTER/OSCILLATOR
14-May-2004
logo
Renesas Technology Corp
HD74HC4060 RENESAS-HD74HC4060 Datasheet
89Kb / 7P
14-stage Binary Counter
logo
IK Semicon Co., Ltd
IN74HC4060A IKSEMICON-IN74HC4060A Datasheet
289Kb / 8P
14 STAGE BINARY COUNTER/OSCILLATOR
logo
STMicroelectronics
M74HC4060TTR STMICROELECTRONICS-M74HC4060TTR Datasheet
564Kb / 16P
14-stage binary counter/oscillator
15-May-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com