Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC4060Y Datasheet(PDF) 8 Page - STMicroelectronics

Part # HC4060Y
Description  14-stage binary counter/oscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HC4060Y Datasheet(HTML) 8 Page - STMicroelectronics

Back Button HC4060Y Datasheet HTML 4Page - STMicroelectronics HC4060Y Datasheet HTML 5Page - STMicroelectronics HC4060Y Datasheet HTML 6Page - STMicroelectronics HC4060Y Datasheet HTML 7Page - STMicroelectronics HC4060Y Datasheet HTML 8Page - STMicroelectronics HC4060Y Datasheet HTML 9Page - STMicroelectronics HC4060Y Datasheet HTML 10Page - STMicroelectronics HC4060Y Datasheet HTML 11Page - STMicroelectronics HC4060Y Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Electrical characteristics
M74HC4060
8/16
DocID1967 Rev 2
Figure 4. Test circuit
1. CL = 50 pF or equivalent (includes jig and probe capacitance)
RT = ZOUT of pulse generator (typically 50 ).
Table 8. Capacitive characteristics
Symbol
Parameter
Test
condition
Value
Unit
VCC (V)
TA = 25 °C
-40 to 85 °C -55 to 125 °C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input capacitance
5.0
5
10
10
10
pF
CPD
Power dissipation
capacitance(1)
1. CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the
operating current consumption without load. (Refer to Figure 4: Test circuit). Average operating current can
be obtained by the following equation. ICC(opr.) = CPD x VCC x fIN + ICC.
5.0
27
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com