Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2 Datasheet(PDF) 33 Page - STMicroelectronics

Part # PSD813F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 29Page - STMicroelectronics PSD813F2 Datasheet HTML 30Page - STMicroelectronics PSD813F2 Datasheet HTML 31Page - STMicroelectronics PSD813F2 Datasheet HTML 32Page - STMicroelectronics PSD813F2 Datasheet HTML 33Page - STMicroelectronics PSD813F2 Datasheet HTML 34Page - STMicroelectronics PSD813F2 Datasheet HTML 35Page - STMicroelectronics PSD813F2 Datasheet HTML 36Page - STMicroelectronics PSD813F2 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 128 page
background image
PSD8XXFX
Instructions
Doc ID 7833 Rev 7
33/128
7.9
Error flag (DQ5)
During a normal program or erase cycle, the Error flag bit (DQ5) is to ’0.’ This bit is set to '1'
when there is a failure during Flash memory Byte Program, Sector Erase, or Bulk Erase
cycle.
In the case of Flash memory programming, the Error flag bit (DQ5) indicates the attempt to
program a Flash memory bit from the programmed state, ’0,’ to the erased state, '1,' which is
not valid. The Error flag bit (DQ5) may also indicate a timeout condition while attempting to
program a byte.
In case of an error in a Flash memory Sector Erase or Byte Program cycle, the Flash
memory sector in which the error occurred or to which the programmed byte belongs must
no longer be used. Other Flash memory sectors may still be used. The Error flag bit (DQ5)
is reset after a Reset Flash instruction.
7.10
Erase timeout flag (DQ3)
The Erase timeout flag bit (DQ3) reflects the timeout period allowed between two
consecutive Sector Erase instructions. The Erase timeout flag bit (DQ3) is reset to '0' after a
Sector Erase cycle for a time period of 100µs + 20% unless an additional Sector Erase
instruction is decoded. After this time period, or when the additional Sector Erase instruction
is decoded, the Erase timeout flag bit (DQ3) is set to '1.'
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com