Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST10F276
Description  16-bit microcontrollers for automotive applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 2 Page - STMicroelectronics

  ST10F276 Datasheet HTML 1Page - STMicroelectronics ST10F276 Datasheet HTML 2Page - STMicroelectronics ST10F276 Datasheet HTML 3Page - STMicroelectronics ST10F276 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
16-bit microcontroller for automotive applications
The ST10 family, STMicroelectronics’
industry-standard 16-bit microcontrollers, provide
pin-compatible alternatives with enhanced scalable Flash
memory. Since its introduction, ST has sold more than 100
million devices.
With the DSP-MAC, STMicroelectronics leverages this
success, adding cutting-edge DSP potential to its ST10
advanced 16-bit MCU.
Building on ST’s experience in embedded cores, the
ST10 architecture is based on an analysis of the true
requirements of system designers and software engineers in
some of the fastest-moving segments of the industry, where
high-performance, real-time capabilities and low-power
consumption are essential to enable innovative and
competitive solutions.
Key benefits
I Future-proof microcontrollers that easily adapt to
customer requirements
I Dramatically reduces development time and increases
ease-of-use
I Reduces system cost with all peripherals in a single chip
I Native supply of automotive applications. No 3.3V
conversion needed
I Suitable for long-life equipment
I Optimizes your developments: the same device with
different options will fit your entire product range
I Increases validity for high temperature applications
Key features
I High-performance industry standard ST10 core with
DSP unit
I Extensive software and tools
I Large choice of peripherals and interfaces, same
peripheral set across the ST10F27x family
I Single 5V power supply
I High-quality embedded Flash (data retention 20 years
at 55°C)
I Tightly coupled DMA: real-time CPU core
I Rich package options
I Operating temperature range: -40 to 125°C
I Fully automotive qualified
100-pin TQFP
128K
256K
512K
768K
832K
144-pin T(P)QFP
Package
208-pin BGA
ST10F252
256K Flash/20K RAM
Technology
M8, 180nm EmbFlash
ST10F251
128K Flash/12K RAM
ST10F276
832K Flash/68K RAM
ST10F275
768K Flash/36K RAM
ST10F273
512K Flash/36K RAM
ST10F272
256K Flash/20K RAM
ST10F271
128K Flash/12K RAM
ST10F296
832K Flash/68K RAM
ST10 0.18µm family features
I ST10 with DSP unit
I 5th generation embedded Flash
I Uniform peripheral set
I CAN module compliant to OEMs
I Variety of packages
I Broad frequency range
ST10F2xx family characteristics
I 64MHz ST10 CPU with DSP functions
I 5V single supply, on-chip regulator
I Up to 832KB Flash
I QFP100, 144/BGA208
I -40 to 125°C temperature range



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com