Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST10F296
Description  16-bit microcontrollers for automotive applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 4 Page - STMicroelectronics

  ST10F296 Datasheet HTML 1Page - STMicroelectronics ST10F296 Datasheet HTML 2Page - STMicroelectronics ST10F296 Datasheet HTML 3Page - STMicroelectronics ST10F296 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ST10F251
G
128K
12K
48MHz 10x10-bit 18Ch/8PWM
5
RTC/WDT
2
2
1
2
76
TQFP100
5V
MAC
ST10R251
G
128K
12K
48MHz 10x10-bit 18Ch/8PWM
5
RTC/WDT
2
2
1
2
76
TQFP100
5V
MAC
ST10F252
G
256K
20K
48MHz 10x10-bit 18Ch/8PWM
5
RTC/WDT
2
2
1
2
76
TQFP100
5V
MAC
ST10F252M
G
256K
16K
40MHz 16x10-bit 18Ch/8PWM
5
WDT
2
2
1
2
76
TQFP100
5V
MAC
ST10R252
G
256K
12K
48MHz 10x10-bit 18Ch/8PWM
5
RTC/WDT
2
2
1
2
76
TQFP100
5V
MAC
ST10F269D
G
256K
12K
40MHz 16x10-bit 2x16Ch/4PWM
5
RTC/WDT
1
1
-
2
111
P(T)QFP
5V
MAC
ST10F271
G
128K
12K
64MHz 24x10-bit 2x16Ch/8PWM
5
RTC/WDT
2
2
1
2
111
P(T)QFP
5V
MAC/
32KHz osc
ST10F271M
G
128K
12K
40MHz 24x10-bit 2x16Ch/8PWM
5
RTC/WDT
2
2
1
2
111
P(T)QFP
5V
MAC/
32KHz osc
ST10R271
G
128K
12K
64MHz 24x10-bit 2x16Ch/8PWM
5
RTC/WDT
2
2
1
2
111
P(T)QFP
5V
MAC/
32KHz osc
ST10F272
G
256K
20K
64MHz 24x10-bit 2x16Ch/8PWM
5
RTC/WDT
2
2
1
2
111
P(T)QFP
5V
MAC/
32KHz osc
ST10F272M
G
256K
20K
40MHz 24x10-bit 2x16Ch/8PWM
5
RTC/WDT
2
2
1
2
111
P(T)QFP
5V
MAC/
32KHz osc
ST10R272
G
256K
20K
64MHz 24x10-bit 2x16Ch/8PWM
5
RTC/WDT
2
2
1
2
111
P(T)QFP
5V
MAC/
32KHz osc
ST10F273
G
512K
36K
64MHz 24x10-bit 2x16Ch/8PWM
5
RTC/WDT
2
2
1
2
111
P(T)QFP
5V
MAC/
32KHz osc
ST10F273M
G
512K
36K
40MHz 24x10-bit 2x16Ch/8PWM
5
RTC/WDT
2
2
1
2
111
P(T)QFP
5V
MAC/
32KHz osc
ST10F275
G
768K
36K
64MHz 24x10-bit 2x16Ch/8PWM
5
RTC/WDT
2
2
1
2
111
P(T)QFP
5V
MAC/
32KHz osc
ST10F276
G
832K
68K
64MHz 24x10-bit 2x16Ch/8PWM
5
RTC/WDT
2
2
1
2
111
P(T)QFP
5V
MAC/
32KHz osc
ST10F280
G
512K
18K
40MHz 32x10-bit 2x16Ch/8PWM
5
RTC/WDT
1
1
-
2
143
BGA
5V
MAC
ST10F296
G
832K
68K
64MHz 32x10-bit 2x16Ch/8PWM
5
RTC/WDT
2
2
1
2
143
BGA
5V
MAC/
32KHz osc
Part
number
Flash
Program
memory
Timer functions
Standard serial
interface
16-bit
(IC/OC/PWM)
16-bit
GPT
Others
ASC/
LIN
SSC I
2C CAN
ROM
Prog.
(bytes)
RAM
(bytes)
CPU
freq.
(max)
A/D
inputs
I/Os
Package
Suppy
voltage
Special
features
ST in the automotive industry
From engine and transmission, control to safety and
onboard entertainment, electronics and microelectronics
are increasingly prevalent in all sectors of the automotive
industry.
ST’s family of automotive products provide a broad range of
features that enhance performance, safety and comfort
while reducing the environmental impact of the vehicle.
These stringent requirements are sustained through ST’s
commitment to constant improvement and the
development of robust, automotive grade quality electronics.
Over recent years, ST has provided automotive solutions
for most of the world’s leading automobile manufacturers,
forging strong partnerships by delivering products and
services that meet or exceed customer expectations.
© STMicroelectronics - June 2006 - Printed in Italy - All rights reserved
The STMicroelectronics corporate logo is a registered trademark of the STMicroelectronics group of companies. All other names are the property of their respective owners.
For selected STMicroelectronics sales offices fax:
China +86 21 52574820; France +33 1 55489569; Germany +49 89 4605454; Italy +39 02 8250449; Japan +81 3 57838216; Singapore +65 6481 5124;
Sweden +46 8 58774411; Switzerland +41 22 9292900; United Kingdom and Eire +44 1628 890391; USA +1 781 861 2678
Full product information at www.st.com
Recycled and chlorine free paper
Order code: BRST10AU0306
ST10 family product table
ST10 16-bit high-performance real-time applications (up to 16MByte address space)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com