Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43L0616AV Datasheet(PDF) 15 Page - AMIC Technology

Part # A43L0616AV
Description  512K X 16 Bit X 2 Banks Synchronous DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L0616AV Datasheet(HTML) 15 Page - AMIC Technology

Back Button A43L0616AV Datasheet HTML 11Page - AMIC Technology A43L0616AV Datasheet HTML 12Page - AMIC Technology A43L0616AV Datasheet HTML 13Page - AMIC Technology A43L0616AV Datasheet HTML 14Page - AMIC Technology A43L0616AV Datasheet HTML 15Page - AMIC Technology A43L0616AV Datasheet HTML 16Page - AMIC Technology A43L0616AV Datasheet HTML 17Page - AMIC Technology A43L0616AV Datasheet HTML 18Page - AMIC Technology A43L0616AV Datasheet HTML 19Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
A43L0616A
(May, 2001, Version 1.0)
14
AMIC Technology, Inc.
Device Operations (continued)
Auto Precharge
The precharge operation can also be performed by using
auto precharge. The SDRAM internally generates the timing
to satisfy tRAS(min) and “tRP” for the programmed burst length
and CAS latency. The auto precharge command is issued at
the same time as burst read or burst write by asserting high
on A10/AP. If burst read or burst write command is issued
with low on A10/AP, the bank is left active until a new
command is asserted. Once auto precharge command is
given, no new commands are possible to that particular bank
until the bank achieves idle state.
Both Banks Precharge
Both banks can be precharged at the same time by using
Precharge all command. Asserting low on
CS ,
RAS and
WE with high on A10/AP after both banks have satisfied
tRAS(min) requirement, performs precharge on both banks. At
the end of tRP after performing precharge all, both banks
are in idle state.
Auto Refresh
The storage cells of SDRAM need to be refreshed every
32ms to maintain data. An auto refresh cycle accomplishes
refresh of a single row of storage cells. The internal counter
increments automatically on every auto refresh cycle to
refresh all the rows. An auto refresh command is issued by
asserting low on
CS ,
RAS and CAS with high on CKE
and
WE . The auto refresh command can only be asserted
with both banks being in idle state and the device is not in
power down mode (CKE is high in the previous cycle). The
time required to complete the auto refresh
operation is specified by “tRC(min)”. The minimum number of
clock cycles required can be calculated by driving “tRC” with
clock cycle time and then rounding up to the next higher
integer. The auto refresh command must be followed by
NOP’s until the auto refresh operation is completed. Both
banks will be in the idle state at the end of auto refresh
operation. The auto refresh is the preferred refresh mode
when
the
SDRAM
is
being
used
for
normal
data
transactions. The auto refresh cycle can be performed once
in 15.6us or a burst of 2048 auto refresh cycles once in
32ms.
Self Refresh
The self refresh is another refresh mode available in the
SDRAM. The self refresh is the preferred refresh mode for
data retention and low power operation of SDRAM. In self
refresh mode, the SDRAM disables the internal clock and all
the input buffers except CKE. The refresh addressing and
timing is internally generated to reduce power consumption.
The self refresh mode is entered from all banks idle state by
asserting low on
CS ,
RAS , CAS and CKE with high on
WE . Once the self refresh mode is entered, only CKE state
being low matters, all the other inputs including clock are
ignored to remain in the self refresh.
The self refresh is exited by restarting the external clock and
then asserting high on CKE. This must be followed by NOP’s
for a minimum time of “tRC” before the SDRAM reaches idle
state to begin normal operation. If the system uses burst
auto refresh during normal operation, it is recommended to
used burst 2048 auto refresh cycles immediately after exiting
self refresh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com