Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF15N80K5 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STF15N80K5
Description  N-channel 800 V, 0.3 ohm typ., 14 A SuperMESH 5 Power MOSFET
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF15N80K5 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STF15N80K5 Datasheet HTML 14Page - STMicroelectronics STF15N80K5 Datasheet HTML 15Page - STMicroelectronics STF15N80K5 Datasheet HTML 16Page - STMicroelectronics STF15N80K5 Datasheet HTML 17Page - STMicroelectronics STF15N80K5 Datasheet HTML 18Page - STMicroelectronics STF15N80K5 Datasheet HTML 19Page - STMicroelectronics STF15N80K5 Datasheet HTML 20Page - STMicroelectronics STF15N80K5 Datasheet HTML 21Page - STMicroelectronics STF15N80K5 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
STB15N80K5, STF15N80K5, STP15N80K5, STW15N80K5
Revision history
Doc ID 023468 Rev 2
21/22
6
Revision history
Table 14.
Document revision history
Date
Revision
Changes
18-Jul-2012
1
First release.
31-Oct-2012
2
– Inserted: IAR, EAS and dv/dt values in Table 2
– Inserted: Table 5, 6 and 7 typical values
– Inserted: Section 2.1: Electrical characteristics (curves)
– Minor text changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com