Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL16N65M5 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STL16N65M5
Description  N-channel 650 V, 0.270 ohm, 12 A PowerFLAT 8x8 HV
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL16N65M5 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STL16N65M5 Datasheet HTML 7Page - STMicroelectronics STL16N65M5 Datasheet HTML 8Page - STMicroelectronics STL16N65M5 Datasheet HTML 9Page - STMicroelectronics STL16N65M5 Datasheet HTML 10Page - STMicroelectronics STL16N65M5 Datasheet HTML 11Page - STMicroelectronics STL16N65M5 Datasheet HTML 12Page - STMicroelectronics STL16N65M5 Datasheet HTML 13Page - STMicroelectronics STL16N65M5 Datasheet HTML 14Page - STMicroelectronics STL16N65M5 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Revision history
STL16N65M5
14/15
Doc ID 17448 Rev 5
5
Revision history
Table 9.
Document revision history
Date
Revision
Changes
30-Apr-2010
1
First release
08-Jun-2010
2
VGS value has been changed in Table 4
10-Feb-2011
3
Modified RDS(on) value
28-Jul-2011
4
Document status promoted from preliminary data to datasheet
Added Section 2.1: Electrical characteristics (curves)
Minor text changes
03-Nov-2011
5
Section 4: Package mechanical data has been modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com