Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL73D-AP Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL73D-AP
Description  High voltage fast-switching NPN power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL73D-AP Datasheet(HTML) 3 Page - STMicroelectronics

  STL73D-AP Datasheet HTML 1Page - STMicroelectronics STL73D-AP Datasheet HTML 2Page - STMicroelectronics STL73D-AP Datasheet HTML 3Page - STMicroelectronics STL73D-AP Datasheet HTML 4Page - STMicroelectronics STL73D-AP Datasheet HTML 5Page - STMicroelectronics STL73D-AP Datasheet HTML 6Page - STMicroelectronics STL73D-AP Datasheet HTML 7Page - STMicroelectronics STL73D-AP Datasheet HTML 8Page - STMicroelectronics STL73D-AP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STL73D
Electrical characteristics
Doc ID 15147 Rev 2
3/9
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICEV
Collector cut-off current
(VBE = - 1.5 V)
VCE = 700 V
VCE = 700 V
TC = 125 °C
1
5
mA
mA
V(BR)EBO
Emitter-base breakdown
voltage (IC = 0)
IE = 10 mA
9
18
V
VCEO(sus)
(1)
1.
Pulse test: pulse duration
≤ 300 µs, duty cycle ≤ 2 %
Collector-emitter
sustaining voltage
(IB = 0)
IC = 10 mA
400
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 0.3 A
IB = 60 mA
IC = 0.6 A
_ IB = 120 mA
IC = 1 A _ _ IB = 250 mA
0.15
0.25
0.4
0.4
0.6
1
V
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 0.6 A
_ IB = 120 mA
0.95
1.1
V
hFE
DC current gain
IC = 0.6 A
VCE = 3 V
IC = 1.2 A
VCE = 5 V
10
4
21
10
tr
ts
tf
Resistive load
Rise time
Storage time
Fall time
VCC = 125 V
IC = 1 A
IB(on) = - IB(off) = 200 mA
TP = 25 µs
1
4
0.7
µs
µs
µs
ts
Inductive load
Storage time
IC = 0.3 A
VClamp = 300 V
IB(on) = - IB(off) = 60 mA
L = 3 mH
0.3
µs
VF
Diode forward voltage
IF = 0.5 A
1.5
V
Table 5.
hFE classification
Symbol
Parameter
Group
Value
Min.
Max.
Unit
hFE
DC current gain
VCE = 3 V, IC = 0.6 A
L10
16
H15
21



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com