Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L051F3 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM8L051F3
Description  Value line, 8-bit ultralow power MCU, 8-KB Flash
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L051F3 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM8L051F3 Datasheet HTML 26Page - STMicroelectronics STM8L051F3 Datasheet HTML 27Page - STMicroelectronics STM8L051F3 Datasheet HTML 28Page - STMicroelectronics STM8L051F3 Datasheet HTML 29Page - STMicroelectronics STM8L051F3 Datasheet HTML 30Page - STMicroelectronics STM8L051F3 Datasheet HTML 31Page - STMicroelectronics STM8L051F3 Datasheet HTML 32Page - STMicroelectronics STM8L051F3 Datasheet HTML 33Page - STMicroelectronics STM8L051F3 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Memory and register map
STM8L051F3
30/46
Doc ID 022985 Rev 1
0x00 5143
RTC
Reserved area (1 byte)
0x00 5144
RTC_DR1
RTC Date register 1
0x01
0x00 5145
RTC_DR2
RTC Date register 2
0x21
0x00 5146
RTC_DR3
RTC Date register 3
0x00
0x00 5147
Reserved area (1 byte)
0x00 5148
RTC_CR1
RTC Control register 1
0x00(1)
0x00 5149
RTC_CR2
RTC Control register 2
0x00(1)
0x00 514A
RTC_CR3
RTC Control register 3
0x00(1)
0x00 514B
Reserved area (1 byte)
0x00 514C
RTC_ISR1
RTC Initialization and status register 1
0x01
0x00 514D
RTC_ISR2
RTC Initialization and Status register 2
0x00
0x00 514E
0x00 514F
Reserved area (2 bytes)
0x00 5150
RTC_SPRERH
RTC Synchronous prescaler register high
0x00(1)
0x00 5151
RTC_SPRERL
RTC Synchronous prescaler register low
0xFF(1)
0x00 5152
RTC_APRER
RTC Asynchronous prescaler register
0x7F(1)
0x00 5153
Reserved area (1 byte)
0x00 5154
RTC_WUTRH
RTC Wakeup timer register high
0xFF(1)
0x00 5155
RTC_WUTRL
RTC Wakeup timer register low
0xFF(1)
0x00 5156
Reserved area (1 byte)
0x00 5157
RTC_SSRL
RTC Subsecond register low
0x00
0x00 5158
RTC_SSRH
RTC Subsecond register high
0x00
0x00 5159
RTC_WPR
RTC Write protection register
0x00
0x00 5158
RTC_SSRH
RTC Subsecond register high
0x00
0x00 5159
RTC_WPR
RTC Write protection register
0x00
0x00 515A
RTC_SHIFTRH
RTC Shift register high
0x00
0x00 515B
RTC_SHIFTRL
RTC Shift register low
0x00
0x00 515C
RTC_ALRMAR1
RTC Alarm A register 1
0x00(1)
0x00 515D
RTC_ALRMAR2
RTC Alarm A register 2
0x00(1)
0x00 515E
RTC_ALRMAR3
RTC Alarm A register 3
0x00(1)
0x00 515F
RTC_ALRMAR4
RTC Alarm A register 4
0x00(1)
0x00 5160 to
0x00 5163
Reserved area (4 bytes)
0x00 5164
RTC_ALRMASSRH
RTC Alarm A subsecond register high
0x00(1)
0x00 5165
RTC_ALRMASSRL
RTC Alarm A subsecond register low
0x00(1)
Table 7.
General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com