Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L152M8T6 Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM8L152M8T6
Description  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152M8T6 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM8L152M8T6 Datasheet HTML 72Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 73Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 74Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 75Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 76Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 77Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 78Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 79Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 134 page
background image
Electrical parameters
STM8L15xx8, STM8L15xR6
76/134
DocID17943 Rev 6
In the following table, data are based on characterization results, unless otherwise
specified.
Table 21. Total current consumption in Wait mode
Symbol Parameter
Conditions(1)
Typ
Max
Unit
55°C 85 °C
(2)
105 °C
(3)
125 °C
(4)
IDD(Wait)
Supply
current in
Wait mode
CPU not
clocked,
all peripherals
OFF,
code
executed from
RAM
with Flash in
IDDQ mode,(5)
VDD from
1.65 V to
3.6 V
HSI
fCPU = 125 kHz 0.21
0.29
0.33
0.36
0.43
mA
fCPU = 1 MHz
0.25
0.33
0.37
0.4
0.47
fCPU = 4 MHz
0.32
0.4
0.44
0.47
0.54
fCPU = 8 MHz
0.42 0.496
0.54
0.56
0.64
fCPU = 16 MHz 0.66 0.736 0.78(6) 0.8(6) 0.88(6)
HSE
external
clock
(fCPU=fHSE)
(7)
fCPU = 125 kHz 0.19
0.21
0.3
0.35
0.41
fCPU = 1 MHz
0.2
0.23
0.32
0.36
0.43
fCPU = 4 MHz
0.27
0.3
0.39
0.43
0.5
fCPU = 8 MHz
0.37
0.4
0.49
0.53
0.6
fCPU = 16 MHz 0.63 0.66 0.75(6) 0.79(6) 0.86(6)
LSI
fCPU = fLSI
0.028 0.037 0.039
0.044
0.054
LSE(8)
external
clock
(32.768
kHz)
fCPU = fLSE
0.027 0.035 0.038
0.042
0.051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com