Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C8 Datasheet(PDF) 94 Page - STMicroelectronics

Part # STM8L151C8
Description  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C8 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM8L151C8 Datasheet HTML 90Page - STMicroelectronics STM8L151C8 Datasheet HTML 91Page - STMicroelectronics STM8L151C8 Datasheet HTML 92Page - STMicroelectronics STM8L151C8 Datasheet HTML 93Page - STMicroelectronics STM8L151C8 Datasheet HTML 94Page - STMicroelectronics STM8L151C8 Datasheet HTML 95Page - STMicroelectronics STM8L151C8 Datasheet HTML 96Page - STMicroelectronics STM8L151C8 Datasheet HTML 97Page - STMicroelectronics STM8L151C8 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 134 page
background image
Electrical parameters
STM8L15xx8, STM8L15xR6
94/134
DocID17943 Rev 6
Flash memory
Table 36. Flash program and data EEPROM memory
Symbol
Parameter
Conditions
Min.
Typ.
Max.
(1)
Unit
VDD
Operating voltage
(all modes, read/write/erase)
fSYSCLK = 16 MHz
1.65
3.6
V
tprog
Programming time for 1 or 128 bytes (block)
erase/write cycles (on programmed byte)
6
ms
Programming time for 1 to 128 bytes (block)
write cycles (on erased byte)
3
Iprog
Programming/ erasing consumption
TA=+25 °C, VDD = 3.0 V
0.7
mA
TA=+25 °C, VDD = 1.8 V
tRET(2)
Data retention (program memory) after 10000
erase/write cycles at TA=−40 τ ο +85 °C
(6 suffix)
TRET=+85 °C
30(1)
years
Data retention (program memory) after 10000
erase/write cycles at TA=−40 τ ο +125 °C
(3 suffix)
TRET=+125 °C
5(1)
Data retention (data memory) after 300000
erase/write cycles at TA=−40 τ ο +85 °C
(6 suffix)
TRET=+85 °C
30(1)
Data retention (data memory) after 300000
erase/write cycles at TA=−40 τ ο +125 °C
(3 suffix)
TRET=+125 °C
5(1)
NRW (3)
Erase/write cycles (program memory)
TA=−40 τ ο +85 °C
(6 suffix),
TA=−40 τ ο +105 °C
(7 suffix) or
TA=−40 τ ο +125 °C
(3 suffix)
10(1)
kcycles
Erase/write cycles (data memory)
300(1)
(4)
1. Data based on characterization results, not tested in production.
2. Conforming to JEDEC JESD22a117
3. The physical granularity of the memory is 4 bytes, so cycling is performed on 4 bytes even when a write/erase operation
addresses a single byte.
4. Data based on characterization performed on the whole data memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com