Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L152C8 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM8L152C8
Description  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152C8 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM8L152C8 Datasheet HTML 25Page - STMicroelectronics STM8L152C8 Datasheet HTML 26Page - STMicroelectronics STM8L152C8 Datasheet HTML 27Page - STMicroelectronics STM8L152C8 Datasheet HTML 28Page - STMicroelectronics STM8L152C8 Datasheet HTML 29Page - STMicroelectronics STM8L152C8 Datasheet HTML 30Page - STMicroelectronics STM8L152C8 Datasheet HTML 31Page - STMicroelectronics STM8L152C8 Datasheet HTML 32Page - STMicroelectronics STM8L152C8 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 134 page
background image
DocID17943 Rev 6
29/134
STM8L15xx8, STM8L15xR6
Pin description
61
11 7
7
PA6/ADC1_TRIG/
LCD_COM2(3)/ADC1_IN0/
[COMP1_INP]
I/O FT(5) X
XX HS X
X Port A6
ADC1 - trigger / LCD_COM2
/ ADC1 input 0/
[Comparator 1 positive input]
12 8
8
PA7/LCD_SEG0(3)/
TIM5_CH1
I/O FT(5) X
XX HS X
X Port A7
LCD segment 0 /
TIM5 channel 1
39 31 24
PB0(4)/TIM2_CH1/
LCD_SEG10(3)/ADC1_IN18
/ [COMP1_INP]
I/O FT(5) X
XX HS X
X Port B0
Timer 2 - channel 1
/LCD segment 10/
ADC1_IN18/
[Comparator 1 positive input]
40 32 25
PB1/TIM3_CH1/
LCD_SEG11(3)/ADC1_IN17
/ [COMP1_INP]
I/O FT(5) X
XX HS X
X Port B1
Timer 3 - channel 1
/ LCD segment 11 /
ADC1_IN17/
[Comparator 1 positive input]
41 33 26
PB2/
TIM2_CH2/LCD_SEG12(3)/
ADC1_IN16/[COMP1_INP]
I/O FT(5) X
XX HS X
X Port B2
Timer 2 - channel 2
/ LCD segment 12 /
ADC1_IN16/ [Comparator 1
positive input]
42 34 27
PB3/TIM2_ETR/
LCD_SEG13(3)/ADC1_IN15
/[COMP1_INP]
I/O FT(5) X
XX HS X
X Port B3
Timer 2 - trigger
/ LCD segment 13
/ADC1_IN15/
[Comparator 1 positive input]
43 35
-
PB4(4)/SPI1_NSS/
LCD_SEG14(3)/ADC1_IN14
/[COMP1_INP]
I/O FT(5) X
XX HS X
X Port B4
SPI1 master/slave select /
LCD segment 14 /
ADC1_IN14/
[Comparator 1 positive input]
--
28
PB4(4)/SPI1_NSS/
LCD_SEG14(3)/ADC1_IN14
/DAC_OUT2/
[COMP1_INP]
I/O FT(5) X
XX HS X
X Port B4
SPI1 master/slave select /
LCD segment 14 /
ADC1_IN14 /
DAC channel 2 output/
[Comparator 1 positive input]
44 36
-
PB5/SPI1_SCK/
LCD_SEG15(3)/ADC1_IN13
/ [COMP1_INP]
I/O FT(5) X
XX HS X
X Port B5
SPI1 clock / LCD segment
15 / ADC1_IN13/
[Comparator 1 positive input]
Table 5. High density and medium+ density STM8L15x pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com