Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L152R8 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM8L152R8
Description  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152R8 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM8L152R8 Datasheet HTML 31Page - STMicroelectronics STM8L152R8 Datasheet HTML 32Page - STMicroelectronics STM8L152R8 Datasheet HTML 33Page - STMicroelectronics STM8L152R8 Datasheet HTML 34Page - STMicroelectronics STM8L152R8 Datasheet HTML 35Page - STMicroelectronics STM8L152R8 Datasheet HTML 36Page - STMicroelectronics STM8L152R8 Datasheet HTML 37Page - STMicroelectronics STM8L152R8 Datasheet HTML 38Page - STMicroelectronics STM8L152R8 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 134 page
background image
DocID17943 Rev 6
35/134
STM8L15xx8, STM8L15xR6
Pin description
61
--
48
PE7/LED_SEG27/
TIM5_ETR/USART3_RX/
[LCD_COM7](3)
I/O FT(5) X
XX HS X
X Port E7
LCD segment 27/
TIM5 trigger/
USART3 receive/
[LCD_COM7](3)
77
-
-
PI0/RTC_TAMP1/
[SPI2_NSS]/[TIM3_CH3]
I/O FT(5) X
XHS X
X Port I0
RTC tamper 1 input
[SPI2 master/slave select]
[TIM3 channel 3]
78
-
-
PI1/RTC_TAMP2/
[SPI2_SCK]
I/O FT(5) X
XHS X
X Port I1
RTC tamper 2 input
[SPI2 clock]
79
-
-
PI2/RTC_TAMP3/
[SPI2_MOSI]
I/O FT(5) X
XHS X
X Port I2
RTC tamper 3 input
[SPI2 master out- slave in]
80
-
-
PI3/TIM5_CH1/
[SPI2_MISO]/[TIM3_CH2]
I/O FT(5) X
XHS X
X Port I3
TIM5 Channel 1
[SPI2 master in- slave out]
[TIM3 channel 2]
--
32
PF0/ADC1_IN24/
DAC_OUT1
I/O
X
XX HS X
X Port F0 ADC1_IN24 / DAC 1 output
-39
-
PF0/ADC1_IN24/
DAC_OUT1/[USART3_TX]
I/O
X
XX HS X
X Port F0 ADC1_IN24 / DAC 1 output/
[USART3 transmit]
49
-
-
PF0/ADC1_IN24/
DAC_OUT1/
[USART3_TX]/[SPI1_MISO]
I/O
X
XX HS X
X Port F0
ADC1_IN24 / DAC 1 output/
[USART3 transmit]
[SPI1 master in- slave out]
50
-
-
PF1/ADC1_IN25/
DAC_OUT2/
[USART3_RX]/
[SPI1_MOSI]
I/O
X
XX HS X
X Port F1
ADC1_IN25/
DAC channel 2 output/
[USART3 receive]
[SPI1 master out- slave in]
-40
-
PF1/ADC1_IN25/
DAC_OUT2/
[USART3_RX]
I/O
X
XX HS X
X Port F1
ADC1_IN25/
DAC channel 2 output/
[USART3 receive]
51
-
-
PF2/ADC1_IN26/
[SPI2_SCK]/
[USART3_SCK]
I/O
X
XX HS X
X Port F2
ADC1_IN26
[SPI2 clock]
[USART3 clock]
Table 5. High density and medium+ density STM8L15x pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com