Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PALCE16V8H-7PC4 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # PALCE16V8H-7PC4
Description  EE CMOS 20-Pin Universal Programmable Array Logic
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE16V8H-7PC4 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button PALCE16V8H-7PC4 Datasheet HTML 9Page - Advanced Micro Devices PALCE16V8H-7PC4 Datasheet HTML 10Page - Advanced Micro Devices PALCE16V8H-7PC4 Datasheet HTML 11Page - Advanced Micro Devices PALCE16V8H-7PC4 Datasheet HTML 12Page - Advanced Micro Devices PALCE16V8H-7PC4 Datasheet HTML 13Page - Advanced Micro Devices PALCE16V8H-7PC4 Datasheet HTML 14Page - Advanced Micro Devices PALCE16V8H-7PC4 Datasheet HTML 15Page - Advanced Micro Devices PALCE16V8H-7PC4 Datasheet HTML 16Page - Advanced Micro Devices PALCE16V8H-7PC4 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
AMD
2-48
PALCE16V8H-7 (Com’l)
CAPACITANCE (Note 1)
Parameter
Symbol
Parameter Descriptions
Test Conditions
Typ
Unit
CIN
Input Capacitance
VIN = 2.0 V
VCC = 5.0 V, TA = 25
°C,
5
pF
COUT
Output Capacitance
VOUT = 2.0 V
f = 1 MHz
8
pF
Note:
1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified
where capacitance may be affected.
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 2)
Parameter
Min
Symbol
Parameter Description
(Note 5)
Max
Unit
tPD
Input or Feedback to Combinatorial Output
8 Outputs Switching
3
7.5
ns
1 Output Switching
3
7
ns
tS
Setup Time from Input or Feedback
5
ns
tH
Hold Time
0ns
tCO
Clock to Output
1
5
ns
tSKEWR
Skew Between Registered Outputs (Note 4)
1
ns
tWL
LOW
4
ns
tWH
HIGH
4
ns
External Feedback
1/(tS + tCO)
100
MHz
fMAX
Internal Feedback (fCNT)
1/(tS + tCF) (Note 6)
125
MHz
No Feedback
1/(tWH + tWL)
125
MHz
tPZX
OE to Output Enable
1
6
ns
tPXA
OE to Output Disable
1
6
ns
tEA
Input to Output Enable Using Product Term Control
3
9
ns
tER
Input to Output Disable Using Product Term Control
3
9
ns
Clock Width
Maximum
Frequency
(Note 3)
Notes:
2. See Switching Test Circuit for test conditions.
3. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified
where frequency may be affected.
4. Skew testing takes into account pattern and switching direction differences between outputs that have equal loading.
5. Output delay minimums for tPD, tCO, tPZX, tPXZ, tEA, and tER are defined under best case conditions. Future process improvements
may alter these values therefore, minimum values are recommended for simulation purposes only.
6. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation:
tCF = 1/fMAX (internal feedback) – tS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com