Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT74DBLE Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74ACT74DBLE
Description  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT74DBLE Datasheet(HTML) 5 Page - Texas Instruments

  SN74ACT74DBLE Datasheet HTML 1Page - Texas Instruments SN74ACT74DBLE Datasheet HTML 2Page - Texas Instruments SN74ACT74DBLE Datasheet HTML 3Page - Texas Instruments SN74ACT74DBLE Datasheet HTML 4Page - Texas Instruments SN74ACT74DBLE Datasheet HTML 5Page - Texas Instruments SN74ACT74DBLE Datasheet HTML 6Page - Texas Instruments SN74ACT74DBLE Datasheet HTML 7Page - Texas Instruments SN74ACT74DBLE Datasheet HTML 8Page - Texas Instruments SN74ACT74DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SN54ACT74, SN74ACT74
DUAL POSITIVEEDGETRIGGERED DTYPE FLIPFLOPS
WITH CLEAR AND PRESET
SCAS520H − AUGUST 1995 − REVISED OCTOBER 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature (unless otherwise
noted) (see Figure 1)
FROM
TO
SN74ACT74
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
145
210
125
MHz
tPLH
PRE or CLR
Q or Q
3
5.5
9.5
2.5
10.5
ns
tPHL
PRE or CLR
Q or Q
3
6
10
3
11.5
ns
tPLH
CLK
Q or Q
4
7.5
11
4
13
ns
tPHL
CLK
Q or Q
3.5
6
10
3
11.5
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
45
pF
PARAMETER MEASUREMENT INFORMATION
50% VCC
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
3 V
0 V
50% VCC
50% VCC
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
50% VCC
VOLTAGE WAVEFORMS
tPLH/tPHL
Open
TEST
S1
3 V
0 V
tw
VOLTAGE WAVEFORMS
Input
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
C. The outputs are measured one at a time with one input transition per measurement.
LOAD CIRCUIT
From Output
Under Test
CL = 50 pF
(see Note A)
S1
2
× VCC
500
Ω
500
Ω
Open
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
Figure 1. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com