Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECW1D-R16-BE0006L Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # ECW1D-R16-BE0006L
Description  Digital Contacting Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ECW1D-R16-BE0006L Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  ECW1D-R16-BE0006L Datasheet HTML 1Page - Bourns Electronic Solutions ECW1D-R16-BE0006L Datasheet HTML 2Page - Bourns Electronic Solutions ECW1D-R16-BE0006L Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
ECW - Digital Contacting Encoder
Dimensional Drawings
BUSHING MOUNTED - HOUSING A
Rear-Facing Terminals
BUSHING MOUNTED - HOUSING H
Front-Facing Terminals
8.51
(.335)
9.0
(.354)
1.52
(.060)
6.35
(.250)
“L” ± 0.38
(“L” ± .015)
“L” ± 0.38
(“L” ± .015)
5.69 ± 0.25
(.224 ± .010)
6.35 ± 0.25
(.250 ± .010)
DIA.
M9 X 0.75-6g SPL
14.7 ± 0.5
(.578 ± .020)
DIA.
22.2 ± 0.25
(.874 ± .010)
27.68 ± 0.25
(1.090 ± .010)
28.49 ± 0.25
(1.122 ± .010)
ACB
11.1
(.437)
CHANNEL B
CHANNEL A
COMMON
CHANNEL B
CHANNEL A
COMMON
CHANNEL B
CHANNEL A
COMMON
PCB BRACKET MOUNTED - HOUSING B
Dimensions not given are the same as Bushing Mounted.
5.74
(.226)
9.02
(.355)
.762
(.030)
4 PLCS.
23.37 ± 0.25
(.920 ± .010)
17.069
(.672)
AC B
SOLDER HOLES - HOUSING C
Dimensions not given are the same as Bushing Mounted.
2.54
(.100)
5.08
(.200)
.107
(.042)
3 PLCS.
DIA.
14.478
(.570)
26.975
(1.062)
A
C
B
1.57
(.062)
CL
15.2
(.600)
23.6
(.930)
11.4
(.450)
2.54
(.100)
TYP.
1.2
(.047)
DIA. 7 PLCS.
SNAP-IN MOUNT - Housing G
PCB MOUNTING DIMENSIONS
(Housing Styles B and E)
13.08
(.515)
8.51
(.335)
6.35
(.250)
8.99
(.354)
DIA.
1.52
(.060)
7.24 ± 0.25
(.285 ± .010)
22.20 ± 0.25
(.874 ± .010)
9.53
(.375)
14.68 ± 5.08
(0.578 ± 0.20)
DIA.
27.69 ± 0.25
(1.090 ± .010)
28.50 ± 0.25
(1.122 ± .010)
11.10
(.437)
.635
(.025)
2.54
(.100)
5.08
(.200)
PCB MOUNTING DIMENSIONS
22.68
(.893)
11.33
(.446)
8 X
3 X
.97
(.038)
R
21.11
(.831)
19.76
(.778)
12.24
(.482)
10.90
(.429)
3 X
1.07
(0.042)
2.54
(.100)
2 X
Shaft Style B
6.32 + 0.03/– 0.06
(.249 + .001/– .003)
DIA.
1.19
(.047)
1.6
(.063)
1.52
(.060)
.635
(.025)
3 PLCS.
2.54
(.100)
2 PLCS.
2.79
(.110)
23.87
(.940)
1.19
(.047)
11.09
(.437)
6.35
(.250)
9.52
(.375)
16.0
(.630)
3.17
(.125)
DIA.
2.54
(.100)
2 PLCS.
1.19
(.047)
DIA.
4 PLCS.
9.93
(.391)
DIA.
14.9 ±.050
(.587 ±.020)
DIA.
9.01 ±.020
(.355 ±.008)
22.2 ±.025
(.874 ±.010)
17.4 ±.025
(.685 ±.010)
15.87 ±.038
(.625 ±.015)
8.50 ±.025
(.335 ±.010)
4.75 +.076/-.050
(.187 +.003/-.002)
DIA.
4.01 +.050/-.025
(.158 +.002/-.001)
3/8–32 UNEF 2A
"D" DIMENSION EXTENDS FROM SHAFT END TO BUSHING FACE
"D" = (SHAFT LENGTH, FMS) – (BUSHING LENGTH)
Shaft Style C
5.54 ± .076
(.218 ± .003)
"D"
6.32 + 0.03/– 0.06
(.249 + .001/– .003)
DIA.
Shaft Style J
"D"
4.01 + .051/ – .025
(.158 + .002/ – .001)
0.94
(.042)
4.75 ± .006/-.051
(.187 + .003/-.002)
DIA.
1.57
(.062)
3.55
(.140)
Shaft Style Y
1.57
(.062)
4.7
(.185)
DIA.
9.65
(.380)
14.7
(.578)
SLOT DEPTH ("Y" SHAFT)
FOR SHAFTS
< 1 " LENGTH
FOR SHAFTS
≥ 1 " LENGTH
CHANNEL B
CHANNEL A
COMMON
PANEL HOLE DIMENSIONS
Bushing Mounted
9.52
(.375)
3.17
(.125)
9.14
(.360)
DIA.
DIA.
.25
(.010)
.13
(.005)
MM
(IN)
Shaft Style R
1.6
(.063)
6.00
(.236)
DIA.
1.19
(.047)
0.78
(.031)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com