Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPS Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # EPS
Description  Digital Contacting Encoder With Momentary Switch Option
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

EPS Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  EPS Datasheet HTML 1Page - Bourns Electronic Solutions EPS Datasheet HTML 2Page - Bourns Electronic Solutions EPS Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
EPS - Digital Contacting Encoder With Momentary Switch Option
Product Dimensions
SNAP-IN MOUNTING - S style bushing / F style shaft
19.0
(.748)
x
x
x
x
x
4.01
(.158)
22.20
(.874)
26.97
(1.061)
8.13
(.320)
4.800
(0.189)
15.2
(.598)
8.20
(.323)
2.00 +0.5/-0.0
(.078 +.020/-0.0)
TOTAL ACTUATION
TRAVEL
5.35
(.211)
2.00
(.079)
3.17
(.125)
2.26
(.089)
1.60
(.063)
4.32
(.170)
2.50
(.098)
2X
DIA.
DIA.
0.50
(.020)
2X
X 45 °
CHAMFER
3.60
(.142)
0.25
(.010)
7.50
(.300)
8.00
(.315)
9.00
(.354)
PCB MOUNTING DIMENSIONS
25.00
(.984)
9.85
(.388)
2X
9.34
(.368)
2X
0.97
(.038)
4X
RADIUS
23.00
(.905)
4.63
(.182)
PIN 1
5X
1.06
(.042)
TYP
2.54
(.100)
3.97
(.156)
5.97
(.235)
24.33
(.958)
2X
2.70
(.106)
DIA.
6.50
(.260)
22.20
(.874)
10.50
(.413)
18.0
(.710)
1.10
(.043)
2X
0.80
(.031)
2X
0.50
(.020)
X 45 °
CHAMFER
MM
(IN)
DIMENSIONS:
DIA.
DIA.
DIA.
M9 X
0.75
(.030)
– 6 g
1
2
3
4
5
TERMINAL
PIN NO.
CHANNEL B
COMMON
CHANNEL A
TOLERANCES: EXCEPT WHERE NOTED
.51
.13
DECIMALS: .XX ±
(.020)
.XXX ±
(.005)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com