Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6506R Datasheet(PDF) 11 Page - LSI Computer Systems

Part # LS6506R
Description  PIR SENSOR INTERFACE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6506R Datasheet(HTML) 11 Page - LSI Computer Systems

Back Button LS6506R Datasheet HTML 4Page - LSI Computer Systems LS6506R Datasheet HTML 5Page - LSI Computer Systems LS6506R Datasheet HTML 6Page - LSI Computer Systems LS6506R Datasheet HTML 7Page - LSI Computer Systems LS6506R Datasheet HTML 8Page - LSI Computer Systems LS6506R Datasheet HTML 9Page - LSI Computer Systems LS6506R Datasheet HTML 10Page - LSI Computer Systems LS6506R Datasheet HTML 11Page - LSI Computer Systems LS6506R Datasheet HTML 12Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Q1 = MPSA42 or equivalent
R1 = 1.5MΩ, 1/4W (Reference Figure 2)
R2 = 180kΩ, 1/4W
R3 = 12kΩ
, 1/4W
R4 = 4.7MΩ
, 1/4W
R5 = 91kΩ
, 1W
C7 = 0.001uF, 25V (Reference Figure 2)
C8 = 50µF, 25V (Reference Figure 2)
Z1 = 15V, 5%, 1/2W (Reference Figure 2)
Z2 = 5.6V, 10%, 1/4W
The AC current drawn from Earth Ground is regulated to remain virtually constant
as the AC Mains Voltage varies from 120VRMS to 277VRMS
FIGURE 7. Earth Ground Current Regulator
6506R-042308-11
D1
Q1
R2
R3
R4
Z2
Z1
C8
R1
SW3
LS6506R
V DD
AC
5
8
C7
AC
MAINS
P
N
Earth Gnd
R5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com