Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6507R Datasheet(PDF) 8 Page - LSI Computer Systems

Part # LS6507R
Description  PIR SENSOR INTERFACE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6507R Datasheet(HTML) 8 Page - LSI Computer Systems

Back Button LS6507R Datasheet HTML 4Page - LSI Computer Systems LS6507R Datasheet HTML 5Page - LSI Computer Systems LS6507R Datasheet HTML 6Page - LSI Computer Systems LS6507R Datasheet HTML 7Page - LSI Computer Systems LS6507R Datasheet HTML 8Page - LSI Computer Systems LS6507R Datasheet HTML 9Page - LSI Computer Systems LS6507R Datasheet HTML 10Page - LSI Computer Systems LS6507R Datasheet HTML 11Page - LSI Computer Systems LS6507R Datasheet HTML 12Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
FIGURE 4. LS6506R / LS6507R BLOCK DIAGRAM
6506R-042908-8
14
8
4
16
1
2
15
3
13
11
12
5V REG
OUTPU T
VDD
VSS
5V
REGULATOR
V REG
5V INTERNAL
POWER SUPPLY
DIFF AMP 1
INPUT(+)
DIFF AMP 1
INPUT(-)
DIFF AMP 1
OUTPUT
+
-
AMP
+
-
AMP
+
-
CMP
+
-
CMP
VREG
VREG
VREG
DIGITAL
FILTER
2-SEC
PULSE
GEN.
DRIVER
9 LED
OUTPUT
DRIVER
DRIVER
6
LR1
(6506R)
NC
(6507R)
7
LR2
(6506R)
10 MODE
INPUT
5
AC
+
-
CMP
DIFF AMP 2
INPUT(-)
DIFF AMP 2
OUTPUT
DEBOUNCE
FILTER
ON / OFF
LDR
INPUT
TIME-OUT
INPUT
ADC
OUTPUT
DURATION
TIMER
ZERO
CROSS-OVER
DETECT
CONTROL
LOGIC
TRIAC
OUTPUT
(6507R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com