Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-PSMF035X-2 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-PSMF035X-2
Description  MF-PSMF Series - PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-PSMF035X-2 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-PSMF035X-2 Datasheet HTML 1Page - Bourns Electronic Solutions MF-PSMF035X-2 Datasheet HTML 2Page - Bourns Electronic Solutions MF-PSMF035X-2 Datasheet HTML 3Page - Bourns Electronic Solutions MF-PSMF035X-2 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
*
RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Max. Time
Tripped
Ihold
Itrip
To Trip
Power
Resistance
Dissipation
Model
Amperes
Ohms
Amperes
Seconds
Watts
V max.
I max.
at 23
°C
at 23
°C
at 23
°C
at 23
°C
at 23
°C
Volts
Amps
Hold
Trip
RMin.
R1Max.
Typ.
MF-PSMF010X
15
40
0.10
0.30
1.0
7.5
0.5
1.5
0.5
MF-PSMF020X
9
40
0.20
0.50
0.65
3.5
8.00
0.02
0.5
MF-PSMF035X
6
40
0.35
0.75
0.250
1.200
8.00
0.10
0.5
MF-PSMF050X
6
40
0.50
1.00
0.150
0.900
8.00
0.10
0.5
MF-PSMF075X
6
40
0.75
1.50
0.090
0.350
8.00
0.20
0.6
MF-PSMF110X
6
40
1.10
2.20
0.060
0.210
8.00
0.30
0.6
Operating Temperature ......................................-40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State ................................................125 °C
Passive Aging......................................................+85 °C, 1000 hours ....................................±5 % typical resistance change
Humidity Aging....................................................+85 °C, 85 % R.H. 1000 hours ..................±5 % typical resistance change
Thermal Shock ....................................................+85 °C to -40 °C, 20 times ........................±10 % typical resistance change
Solvent Resistance ............................................MIL-STD-202, Method 215 ........................No change
Vibration ..............................................................MIL-STD-883C, Method 2007.1, ................No change
Condition A
Environmental Characteristics
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech.....................................Verify dimensions and materials ....................................Per MF physical description
Resistance ......................................In still air @ 23 °C............................................................Rmin ≤ R ≤ R1max
Time to Trip ....................................At specified current, Vmax, 23 °C ..................................T ≤ max. time to trip (seconds)
Hold Current ..................................30 min. at Ihold ..............................................................No trip
Trip Cycle Life ................................Vmax, Imax, 100 cycles ..................................................No arcing or burning
Trip Endurance ................................Vmax, 48 hours ..............................................................No arcing or burning
Solderability ....................................ANSI/J-STD-002 ............................................................95 % min. coverage
UL File Number ..................................E174545
http://www.ul.com/ Follow link to Certifications, then UL File No., enter E174545
Test Procedures And Requirements For Model MF-PSMF Series
MF-PSMF Series - PTC Resettable Fuses
Features
■
Compact design to save board space -
0805 footprint
■
Small size results in very fast time to
react to fault events
■
Low profile
■
RoHS compliant*
■
Agency recognition:
Applications
■
USB port protection - On the Go and 2.0
■
PC motherboards - Plug and Play
protection
■
Mobile phones - Battery and port
protection
■
PDAs / digital cameras
■
Game console port protection
Thermal Derating Chart - Ihold (Amps)
Ambient Operating Temperature
Model
-40
°C
-20
°C0 °C
23
°C
40
°C
50
°C
60
°C
70
°C
85
°C
MF-PSMF010X
0.15
0.13
0.12
0.10
0.09
0.08
0.07
0.06
0.05
MF-PSMF020X
0.20
0.25
0.23
0.20
0.17
0.14
0.12
0.10
0.07
MF-PSMF035X
0.47
0.44
0.39
0.35
0.30
0.27
0.24
0.20
0.14
MF-PSMF050X
0.68
0.62
0.55
0.50
0.40
0.37
0.33
0.29
0.23
MF-PSMF075X
1.00
0.90
0.79
0.75
0.63
0.57
0.53
0.42
0.35
MF-PSMF110X
1.45
1.35
1.20
1.10
0.92
0.84
0.75
0.65
0.52


Similar Part No. - MF-PSMF035X-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-PSMF035X BOURNS-MF-PSMF035X Datasheet
300Kb / 3P
MF-PSMF Series - PTC Resettable Fuses
MF-PSMF035X BOURNS-MF-PSMF035X Datasheet
361Kb / 7P
MF-PSMF Series – PTC Resettable Fuses
REV. P 04/20
More results

Similar Description - MF-PSMF035X-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-PSMF010X BOURNS-MF-PSMF010X Datasheet
300Kb / 3P
MF-PSMF Series - PTC Resettable Fuses
MF-R110-2 BOURNS-MF-R110-2 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MFMSMF BOURNS-MFMSMF Datasheet
319Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-R110-0-99 BOURNS-MF-R110-0-99 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MF-SM100-2 BOURNS-MF-SM100-2 Datasheet
298Kb / 5P
MF-SM Series - PTC Resettable Fuses
MF-SM200-2 BOURNS-MF-SM200-2 Datasheet
290Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-SM125-2 BOURNS-MF-SM125-2 Datasheet
287Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-MSMF200-2 BOURNS-MF-MSMF200-2 Datasheet
356Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-GSMF BOURNS-MF-GSMF Datasheet
312Kb / 6P
MF-GSMF Series – PTC Resettable Fuses
REV. B, 09/19
MF-NSHT BOURNS-MF-NSHT Datasheet
344Kb / 6P
MF-NSHT Series - PTC Resettable Fuses
REV. F 07/20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com