Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7055 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7055
Description  6 DECADE PREDETERMINING UP/DOWN COUNTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7055 Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7055 Datasheet HTML 1Page - LSI Computer Systems LS7055 Datasheet HTML 2Page - LSI Computer Systems LS7055 Datasheet HTML 3Page - LSI Computer Systems LS7055 Datasheet HTML 4Page - LSI Computer Systems LS7055 Datasheet HTML 5Page - LSI Computer Systems LS7055 Datasheet HTML 6Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNITS
Storage Temperature
Tstg
-65 to +150
°C
Operating Temperature TA
-25 to +70
°C
Voltage (any pin to Vss) Vmax
-30 to +0.5
V
DC ELECTRICAL CHARACTERISTICS
(VDD = VGG = 0V, Vss = +4.75 to +15V, -25°C
≤ TA ≤ +70°C unless
otherwise specified.)
PARAMETER
SYM MIN
MAX
UNITS
Quescent Supply Current
-
-
-
-
(All Input Pins Tied to Vss)
(All Output Pins Left Open)
Vss = 4.75V
IDD
-
20
mA
Vss = 15V
IDD
-
25
mA
Input Capacitance All Inputs
Cin
-
10
pF
Hysteresis On Count Input
30%(Vss - VDD)
-
V
Noise Immunity All Other Inputs
VNL
30%(Vss - VDD)
-
V
VNH
30%(Vss - VDD)
-
V
Output Levels All Outputs
VOL
-
0.5
V
(All Output Pins Left Open)
VOH
Vss - 1
-
V
7 Segment Output Current
Source Current
Vss = 4.75V, VOUT = 0.7V, 70°C ISEG
0.3
-
mA
Vss = 4.75V, VOUT = 0.7V, 25°C ISEG
0.4
-
mA
Vss = 10V, VOUT = 7V, 25°C
ISEG
2.0
-
mA
Vss = 15V, VOUT = 13V, 70°C
ISEG
3.0
-
mA
Note: Limit Segment Source Current to 4.5mA max.
Sink Current (VOUT = 0.4V)
Vss = 4.75V, 25°C
ISEG
-21
-
µA
Vss = 10V, 25°C
ISEG
-17
-
µA
Vss = 15V, 25°C
ISEG
-15
-
µA
Vss = 15V, 70°C
ISEG
-10
-
µA
BCD, Zero Detect, Mainsignal and Presignal Output Current
Source Current
Vss = 4.75V, VOUT = 4.5V, 70°C IoH
0.10
-
mA
Vss = 4.75V, VOUT = 4.5V, 25°C IoH
0.13
-
mA
Vss = 10V, VOUT = 9.0V, 25°C
IoH
0.7
-
mA
Vss = 15V, VOUT = 13V, 25°C
IoH
2.5
-
mA
Note: Limit Segment Source Current to 4.5mA max.
Sink Current (VOUT = 0.4V)
Vss = 4.75V, 25°C
IoL
-7.5
-
µA
Vss = 10V, 25°C
IoL
-6.0
-
µA
Vss = 15V, 25°C
IoL
-5.5
-
µA
Vss = 15V, 70°C
IoL
-4.0
-
µA
Digit Select Output Current
Source Current
Vss = 4.75V, VOUT = 4.5V, 70°C IoH
0.28
-
mA
Vss = 4.75V, VOUT = 4.5V, 25°C IoH
0.35
-
mA
Vss = 10V, VOUT = 9V, 25°C
IoH
2.0
-
mA
Vss = 15V, VOUT = 13.5V, 70°C
IoH
7.0
-
mA
Note: Limit digit select current to 10mA.
Sink Current (VOUT = 0.4V)
Vss = 4.75V, 25°C
IoL
-15
-
µA
Vss = 10V, 25°C
IoL
-12
-
µA
Vss = 15V, 25°C
IoL
-11
-
µA
Vss = 15V, 70°C
IoL
-
µA
DYNAMIC ELECTRICAL CHARACTERISTICS
(VDD = VGG = 0V, Vss = +4.75 to +15V, -25°C
≤ TA ≤ +70°C
unless otherwise specified.)
PARAMETER
SYM
MIN
MAX
UNITS
Count Input Frequency
Vss = 4.75V
Fc
DC
250
kHz
Vss = 10V
Fc
DC
175
kHz
Vss = 15V
Fc
DC
125
kHz
Pulse Width
Vss = 4.75V
Tcw
2
-
µs
Vss = 10V
Tcw
2.8
-
µs
Vss = 15V
Tcw
4
-
µs
Rise Time
Tcr
-
∞
µs
Fall Time
Tcf
-
∞
µs
Scan Input Frequency
Fsc
DC
100
kHz
Divide Control
Set-Up Time
Tds
2
-
µs
Hold Time
Tdh
8
-
µs
Reset Pulse Width
**
Trpw
2
-
µs
Reset
Set Up Time
Trs
0
-
µs
Hold Time
Trh
6
-
µs
Inhibit Internal Reset
Set Up Time
Tis
0
-
µs
Hold Time
*
Tirh
3
-
µs
Preset Pulse Width
**
Tppw
2
-
µs
Preset Enable
Set Up Time
Tips
0
-
µs
Hold Time
*
Tiph
6
-
µs
Data Transfer Pulse Width
**
Tdtw
2
-
µs
Data Transfer
Set Up Time
Tdts
0
-
µs
Hold Time
Tdth
6
-
µs
Up/Down
Set Up Time
Tuds
0
-
µs
Hold Time
Tud
10
-
µs
Count Inhibit
Set Up Time
Tcs
2
-
µs
Hold Time
Tch
10
-
µs
Data Outputs (CL = 10pF)
Rise Time
Tdr
-
1.0
µs
Fall Time
Vss = 4.75V
Tdf
-
2.0
µs
Vss = 10V
Tdf
-
3.0
µs
Vss = 15V
Tdf
-
4.0
µs
Digit Select Outputs Guard Band Time
within 7 segment & BCD outputs
Tgb
0.5
-
µs
See Figure 3
Main Signal, Presignal, Zero Detect
Outputs delay with respect to positive
edge of Count Input
Tdo
-
3
µs
Set-Up and Hold times are defined with respect to positive edge of count
input except where indicated by asterisks.
* Indicates a hold time which must last for at least one whole count cycle
plus 5µs past the next positive edge of count input.
** Reset, Preset and Data Transfer Pulse Width is as specified except if
applied when a count input is going positive. In that case the set-up and
hold times govern.
7055-012703-3
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com