Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7272 Datasheet(PDF) 6 Page - LSI Computer Systems

Part # LS7272
Description  30 VOLT QUAD-CHANNEL DIFFERENTIAL LINE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7272 Datasheet(HTML) 6 Page - LSI Computer Systems

  LS7272 Datasheet HTML 1Page - LSI Computer Systems LS7272 Datasheet HTML 2Page - LSI Computer Systems LS7272 Datasheet HTML 3Page - LSI Computer Systems LS7272 Datasheet HTML 4Page - LSI Computer Systems LS7272 Datasheet HTML 5Page - LSI Computer Systems LS7272 Datasheet HTML 6Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
 
7272-100611-6
 
AC SWITCHING CHARACTERISTICS
(VDD = 12V, TA = 25
°C, Load Capacitance = 1000 pF)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Propagation delay from 50% point of input
rising edge to zero crossing of differential
outputs
TPLH
-
105
150
ns
VDD = 5V (LS7272 only)
-
112
200
ns
VDD = 12V (LS7272 only)
-
135
250
ns
VDD = 24V (LS7272 only)
Propagation delay from 50% point of input
rising edge to zero crossing of differential
outputs
TPHL
-
105
150
ns
VDD = 5V
-
112
280
ns
VDD = 12V
-
135
330
ns
VDD = 24V
Output Rise Time
TR
-
64
125
ns
VDD = 5V (LS7272 only)
-
75
150
ns
VDD = 12V (LS7272 only)
-
98
175
ns
VDD = 24V (LS7272 only)
Output Fall Time
TF
-
65
125
ns
VDD = 5V
-
73
175
ns
VDD = 12V
-
101
250
ns
VDD = 24V
ENA Enable Time
TON
-
60
200
ns
-
ENA Disable Time
TOFF
-
80
200
ns
-
The information included herein is believed to be accurate and
reliable. However, LSI Computer Systems, Inc. assumes no
responsibilities for inaccuracies, or for any infringements of
patent rights of others which may result from its use.
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com