Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7637FO Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7637FO
Description  REVERSE PHASE (TRAILING-EDGE) HALOGEN LAMP DIMMER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7637FO Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7637FO Datasheet HTML 1Page - LSI Computer Systems LS7637FO Datasheet HTML 2Page - LSI Computer Systems LS7637FO Datasheet HTML 3Page - LSI Computer Systems LS7637FO Datasheet HTML 4Page - LSI Computer Systems LS7637FO Datasheet HTML 5Page - LSI Computer Systems LS7637FO Datasheet HTML 6Page - LSI Computer Systems LS7637FO Datasheet HTML 7Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TABLE 1
MODE
SHORT-ACTIVATION
LONG-ACTIVATION
DIMMING
REVERSAL
PRE-ACTIVATION
POST-ACTIVATION
PRE-ACTIVATION
POST-ACTIVATION
(Note 5)
Ø
Ø
Ø
Ø
OFF
MAX (Note 1)
OFF/MIN
Varies up from MIN
N/A
0
ON
OFF (Note 4)
MAX
Varies down from MAX
N/A
INTERMEDIATE
Varies from INTERMEDIATE
NO
OFF
MEMORY (Notes 2, 3) OFF/MIN
Varies up from MIN
N/A
1
ON
OFF (Note 4)
MAX
Varies down from MAX
N/A
INTERMEDIATE
Varies from INTERMEDIATE
YES
OFF
MAX (Note 1)
OFF/MIN
Varies up from MIN
N/A
2
ON
OFF (Note 4)
MAX
Varies down from MAX
N/A
INTERMEDIATE
Varies from INTERMEDIATE
YES
Note 1: A soft turn-on is produced by slewing up the conduction angle, ø, from minimum at the rate of 1.4O/ 33.3ms (60Hz).
Note 2: A soft turn-on is produced by slewing up ø, from minimum to memory.
Upon power-up the memory value is defaulted to maximum conduction angle.
Note 3: “Memory” refers to the conduction angle, ø, which existed prior to the current off-state.
Note 4: A soft turn-off is produced by slewing down ø from the existing conduction angle to off at the rate of 1.4O/ 33.3ms (60Hz).
Note 5: NO = Dimming direction does not reverse from prior dimming direction.
YES = Dimming direction does reverse from prior dimming direction. N/A = Does not apply.
7636-063008-3
ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
DC supply voltage
VDD - VSS
+16
V
Any input voltage
VIN
VSS - 0.3 to VDD + 0.3
V
Operating temperature
TA
0 to +90
°C
Storage temperature
TSTG
-65 to +150
°C
DC ELECTRICAL CHARACTERISTICS:
(TA = +25°C, all voltages referenced to VSS. VDD = +12V unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITION
Supply voltage
VDD
10
12
15
V
-
Supply current
IDD
-
0.8
1
mA
Output unloaded
VDD = +12V
SYNC Lo
VISL
-
-
5.7
V
-
SYNC Hi
VISH
6.4
-
-
V
-
SENS Lo
VIEL
-
-
4.5
V
-
SENS Hi
VIEH
7.7
-
-
V
-
GATE DRIVE
Source Current
IGSR
4
-
-
mA
VOH = 11.5V
Sink Current
IGSN
4
-
-
mA
VOL = 0.5V
OVC
--
0.35
-
V
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com