Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7642FO Datasheet(PDF) 5 Page - LSI Computer Systems

Part # LS7642FO
Description  VOLTAGE CONTROLLED LIGHT DIMMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7642FO Datasheet(HTML) 5 Page - LSI Computer Systems

  LS7642FO Datasheet HTML 1Page - LSI Computer Systems LS7642FO Datasheet HTML 2Page - LSI Computer Systems LS7642FO Datasheet HTML 3Page - LSI Computer Systems LS7642FO Datasheet HTML 4Page - LSI Computer Systems LS7642FO Datasheet HTML 5Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
6
n = 0
SYNC
4
6
EXT
SENSE/ 5
BCV
Touch Sense
Load Status Detect
Zero Cross and
Clock Gen
Safety
Shutdown
On/Off
Sweep
and
Control
+
−
7−bit DAC
Gen
Trigger
TRIG/
2
8
1
7
VSS
(-V)
VDD
(+V)
Figure 7. LS7642 Block Diagram
100k
100k
100k
100k
100k
100k
100k
50k
50k
50k
50k
50k
50k
b<0>
uC
Px.3
Px.2
Px.1
Px.0
Px.4
Px.5
Px.6
BCV
3
LS7642
Vo
VDD
VSS
1
7
+V
−V
Figure 8. Digital Control of Brightness with a uC.
+5V
Vs
100k
7642−102009−5
b<1>
b<2>
b<3>
b<4>
b<5>
b<6>
where N =
b<n> * 2
128
Vs
* N ,
Vo =
n



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com