Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8297 Datasheet(PDF) 7 Page - LSI Computer Systems

Part # LS8297
Description  STEPPER MOTOR CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS8297 Datasheet(HTML) 7 Page - LSI Computer Systems

  LS8297 Datasheet HTML 1Page - LSI Computer Systems LS8297 Datasheet HTML 2Page - LSI Computer Systems LS8297 Datasheet HTML 3Page - LSI Computer Systems LS8297 Datasheet HTML 4Page - LSI Computer Systems LS8297 Datasheet HTML 5Page - LSI Computer Systems LS8297 Datasheet HTML 6Page - LSI Computer Systems LS8297 Datasheet HTML 7Page - LSI Computer Systems LS8297 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7297-090908-7
FIGURE 6. TYPICAL APPLICATION SCHEMATIC FOR A FOUR-PHASE
UNIPOLAR MOTOR USING DISCRETE MOSFET TRANSISTORS
NOTE: Q1, Q2, Q3, Q4 are MOSFET Power Transistors suitable for 5V Gate Drive
Typical P/Ns = IRLZ44N and IRF3708
16
10
17
11
19
12
MCU
LS8297
LS8297CT
5V
ENABLE
STEP
FRD/REV
VDD
2
VSS
RESET
OSC
13
14
VREF
SENSE2
15
4
5
PHA
PHB
INH1
6
R
SENSE1
R
8
9
7
PHC
PHD
INH2
VM
VM
1
2
3
74HC08
74HC08
4
5
6
9
10
12
13
8
Q1
Q2
Q3
Q4
11
VDD
HALF/FULL
CONTROL
20
18
22k
3.3nF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com