Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F200AB-150EEB Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM29F200AB-150EEB
Description  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F200AB-150EEB Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM29F200AB-150EEB Datasheet HTML 31Page - Advanced Micro Devices AM29F200AB-150EEB Datasheet HTML 32Page - Advanced Micro Devices AM29F200AB-150EEB Datasheet HTML 33Page - Advanced Micro Devices AM29F200AB-150EEB Datasheet HTML 34Page - Advanced Micro Devices AM29F200AB-150EEB Datasheet HTML 35Page - Advanced Micro Devices AM29F200AB-150EEB Datasheet HTML 36Page - Advanced Micro Devices AM29F200AB-150EEB Datasheet HTML 37Page - Advanced Micro Devices AM29F200AB-150EEB Datasheet HTML 38Page - Advanced Micro Devices AM29F200AB-150EEB Datasheet HTML 39Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
Am29F200A
39
P R E L I M I NARY
REVISION SUMMARY
Revision B
Global: Made formatting and layout consistent with
other data sheets. Used updated common tables and
diagrams
Revision B+1
Minor formatting changes only.
Revision B+2
Connection Diagrams
Swapped standard and reversed TSOP drawings in
online version (data book version is correct).
Revision B+3
DC Characteristics, CMOS Compatible
Corrected the ICC3 CE# test condition to VCC±0.5 V.
AC Characteristics
Read-Only Operations: Corrected parameter descrip-
tions to match parameters.
Erase/Program Operations; Alternate CE# Controlled
Erase/Program Operations: Corrected the notes refer-
ence for tWHWH1 and tWHWH2. These parameters are
100% tested. Corrected the note reference for tVCS.
This parameter is not 100% tested.
Temporary Sector Unprotect Table
Added note reference for tVIDR. This parameter is not
100% tested.
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com