Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC453232 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CC453232
Description  Wirewound Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CC453232 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CC453232 Datasheet HTML 1Page - Bourns Electronic Solutions CC453232 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
1812 size
High current rating
Inductance range from 1 µH to 680 µH
RoHS compliant*
Applications
Mobile phones
Cellular phones
CTV, VCR, HIC, FDD
CC453232 Series - Wirewound Chip Inductor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Temperature Rise
.................20 °C max. at rated current
Operating Temperature
................................-40 °C to +125 °C
Storage Temperature
................................-40 °C to +125 °C
Resistance to Soldering Heat
................................... 260 °C, 10 sec.
Electrical Specifications
Bourns
Part No.
Inductance
Q
Min.
Test
Frequency
MHz
SRF
MHz
Min.
DCR
Ω
Max.
Idc
mA
Max.
µH
Tol. %
CC453232-1R0KL
1.0
± 10
10
7.96
180
0.11
1050
CC453232-1R2KL
1.2
± 10
10
7.96
160
0.12
1000
CC453232-1R5KL
1.5
± 10
10
7.96
130
0.15
950
CC453232-1R8KL
1.8
± 10
10
7.96
100
0.16
900
CC453232-2R2KL
2.2
± 10
10
7.96
80
0.18
850
CC453232-2R7KL
2.7
± 10
10
7.96
60
0.20
800
CC453232-3R3KL
3.3
± 10
10
7.96
45
0.22
750
CC453232-3R9KL
3.9
± 10
10
7.96
40
0.24
700
CC453232-4R7KL
4.7
± 10
10
7.96
35
0.27
650
CC453232-5R6KL
5.6
± 10
10
7.96
30
0.30
650
CC453232-6R8KL
6.8
± 10
10
7.96
28
0.35
600
CC453232-8R2KL
8.2
± 10
10
7.96
25
0.40
600
CC453232-100KL
10
± 10
10
2.52
22
0.50
550
CC453232-120KL
12
± 10
10
2.52
21
0.60
500
CC453232-150KL
15
± 10
10
2.52
20
0.70
450
CC453232-180KL
18
± 10
10
2.52
19
0.80
400
CC453232-220KL
22
± 10
10
2.52
18
0.90
370
CC453232-270KL
27
± 10
10
2.52
16
1.2
330
CC453232-330KL
33
± 10
10
2.52
14
1.4
300
CC453232-390KL
39
± 10
10
2.52
12
1.6
280
CC453232-470KL
47
± 10
10
2.52
11.5
1.9
260
CC453232-560KL
56
± 10
10
2.52
11
2.2
240
CC453232-680KL
68
± 10
10
2.52
10
2.6
220
CC453232-820KL
82
± 10
20
0.796
9
3.5
200
CC453232-101KL
100
± 10
20
0.796
8
4.0
180
CC453232-121KL
120
± 10
20
0.796
7.5
4.5
160
CC453232-151KL
150
± 10
20
0.796
7
6.5
140
CC453232-181KL
180
± 10
20
0.796
6.5
7.5
120
CC453232-221KL
220
± 10
20
0.796
5.5
9
120
CC453232-271KL
270
± 10
20
0.796
5
11
100
CC453232-331KL
330
± 10
20
0.796
4
13
90
CC453232-391KL
390
± 10
20
0.796
3
14
85
CC453232-471KL
470
± 10
20
0.796
3
16
75
CC453232-561KL
560
± 10
20
0.796
3
21
70
CC453232-681KL
680
± 10
20
0.796
2.5
25
65
General Specifications
Core..............................................Ferrite
Terminal Electrode........................ Cu/Sn
Packaging.................... 500 pcs. per reel
Materials
Product Dimensions
DIMENSIONS:
MM
(INCHES)
330K
3.2 ± 0.2
(.126 ± .008)
4.5 ± 0.3
(.177 ± .012)
4.2 ± 0.2
(.165 ± .008)
1.0 +0.3/-0.0
(.039 +.012/-0.0)
1.6
(.063)
3.2 ± 0.2
(.126 ± .008)
1.5
(.059)
1.5
(.059)
2.2
(.087)
1.2
(0.047)
Recommended Layout


Similar Part No. - CC453232

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CC453232A BOURNS-CC453232A Datasheet
619Kb / 5P
CC453232A Series – Chip Inductors
07/20
CC453232A-100KL BOURNS-CC453232A-100KL Datasheet
619Kb / 5P
CC453232A Series – Chip Inductors
07/20
CC453232A-101KL BOURNS-CC453232A-101KL Datasheet
619Kb / 5P
CC453232A Series – Chip Inductors
07/20
CC453232A-102KL BOURNS-CC453232A-102KL Datasheet
619Kb / 5P
CC453232A Series – Chip Inductors
07/20
CC453232A-150KL BOURNS-CC453232A-150KL Datasheet
619Kb / 5P
CC453232A Series – Chip Inductors
07/20
More results

Similar Description - CC453232

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7101 ETAL-P7101 Datasheet
129Kb / 6P
MOULDED WIREWOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CM201212_MDS BOURNS-CM201212_MDS Datasheet
101Kb / 2P
CM201212 Series Wirewound Chip Inductor
CM252016_MDS BOURNS-CM252016_MDS Datasheet
71Kb / 1P
CM252016 Series Wirewound Chip Inductor
CM322522_MDS BOURNS-CM322522_MDS Datasheet
101Kb / 2P
CM322522 Series Wirewound Chip Inductor
CM453232_MDS BOURNS-CM453232_MDS Datasheet
79Kb / 1P
CM453232 Series Wirewound Chip Inductor
CMH322522 BOURNS-CMH322522 Datasheet
192Kb / 2P
Shielded Wirewound Chip Inductor
CW160808_MDS BOURNS-CW160808_MDS Datasheet
57Kb / 1P
Wirewound Chip Inductor
CW252016_MDS BOURNS-CW252016_MDS Datasheet
149Kb / 1P
Wirewound Chip Inductor
logo
Johanson Technology Inc...
L-14C39NJV4T JOHANSON-L-14C39NJV4T Datasheet
191Kb / 2P
Chip and Wirewound Inductor Packaging Information
logo
Stackpole Electronics, ...
LWW SEI-LWW Datasheet
414Kb / 12P
Wirewound Ceramic Chip Inductor
1/3/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com